Electronic Components Datasheet Search
  English  ▼

X  

AS5171 Datasheet(PDF) 20 Page - ams AG

Part # AS5171
Description  Accurate angle measurement
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5171 Datasheet(HTML) 20 Page - ams AG

Back Button AS5171 Datasheet HTML 16Page - ams AG AS5171 Datasheet HTML 17Page - ams AG AS5171 Datasheet HTML 18Page - ams AG AS5171 Datasheet HTML 19Page - ams AG AS5171 Datasheet HTML 20Page - ams AG AS5171 Datasheet HTML 21Page - ams AG AS5171 Datasheet HTML 22Page - ams AG AS5171 Datasheet HTML 23Page - ams AG AS5171 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
Page 20
ams Datasheet
Document Feedback
[v1-01] 2016-Feb-17
AS5171 − Register Description
The AS5171 features a programmable digital filter which
implements programmable step response. As shown in
Figure 24 in a static condition (no change of the input), the
static error band is ±0.5 LSB (at 12-bit resolution). Whenever an
input step occurs, the output (measured angle) follows the
input (mechanical angle) entering a certain error band within
the step response time. From the time when the output is within
the static error band the output takes 1000 ms to settle to the
static error band achieving again ±0.5 LSB output noise.
The filter feature is only for applications with angle segment
lower 20 degrees (e.g. pedal). If the filter is used, the quadrant
setting is not possible to use.
Figure 24:
Step Response
It is possible to optimize the step response time versus the
dynamic error band with the FILTER setting.
Figure 25:
FILTER Setting
FILTER
Dynamic Error Band [LSB]
Step Response Time
00
Default. Filter disabled
01
23
5 CORDIC cylces
10
6
3 CORDIC cycles
11
6
2 CORDIC cycles
Dynamic
Error Band
Input
Output
response
Sampling
Frequency
Step Response
Time
1000ms
Static Error Band
Static Error Band
Measured Angle
time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com