Electronic Components Datasheet Search
  English  ▼

X  

AS5171 Datasheet(PDF) 18 Page - ams AG

Part # AS5171
Description  Accurate angle measurement
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5171 Datasheet(HTML) 18 Page - ams AG

Back Button AS5171 Datasheet HTML 14Page - ams AG AS5171 Datasheet HTML 15Page - ams AG AS5171 Datasheet HTML 16Page - ams AG AS5171 Datasheet HTML 17Page - ams AG AS5171 Datasheet HTML 18Page - ams AG AS5171 Datasheet HTML 19Page - ams AG AS5171 Datasheet HTML 20Page - ams AG AS5171 Datasheet HTML 21Page - ams AG AS5171 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
Page 18
ams Datasheet
Document Feedback
[v1-01] 2016-Feb-17
AS5171 − Register Description
Customer ID
A specific identifier chosen by the user can be stored in the
non-volatile memory. This identifier consists of 4 bytes and can
be stored in the locations CUSTID0, CUSTID1, CUSTID2, and
CUSTID3.
Output Linear Transfer Function
A linear transfer function controls the state of the output in
response to the absolute orientation of the external magnet.
The parameters which control this function are shown in
Figure 21.
To calculate this settings into the corresponding sensor
settings, ams provides a programming tool, specific DLL or the
complete source code. For more information, please contact
ams.
Figure 21:
Transfer Function Control Parameters
As shown in the Figure 22, the parameters T1, T2, OT1, and OT2
define the input-to-output linear transfer function. The
dedicated programmer for the AS5171 uses the parameters
from Figure 21 to generate the corresponding settings CLMPL,
CLMPH, PPOFFSET, PPGAIN and BP (see Figure 22).
The clamping level parameters CLMPL and CLMPH define the
absolute minimum and maximum level of the output. Both
clamping levels can be set with the 12 LSBs out of the 12-bit
output resolution. CLMPL and CLMPH must always be set
outside of the lower and upper diagnostic failure band defined
by the output broken wire voltage (see Figure 22: BGPD and
BVPU).
Symbol
Parameter
Resolution [bit]
T1
Mechanical angle starting point
14
T2
Mechanical angle stop point
14
OT1
Output at the starting point (T1)
12
OT2
Output at the stop point (T2)
12
CLMPL
Clamping level low
12
CLMPH
Clamping level high
12
BP
Breakpoint
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com