Electronic Components Datasheet Search
  English  ▼

X  

AS5171 Datasheet(PDF) 15 Page - ams AG

Part # AS5171
Description  Accurate angle measurement
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5171 Datasheet(HTML) 15 Page - ams AG

Back Button AS5171 Datasheet HTML 11Page - ams AG AS5171 Datasheet HTML 12Page - ams AG AS5171 Datasheet HTML 13Page - ams AG AS5171 Datasheet HTML 14Page - ams AG AS5171 Datasheet HTML 15Page - ams AG AS5171 Datasheet HTML 16Page - ams AG AS5171 Datasheet HTML 17Page - ams AG AS5171 Datasheet HTML 18Page - ams AG AS5171 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
ams Datasheet
Page 15
[v1-01] 2016-Feb-17
Document Feedback
AS5171 − Register Description
Figure 15:
Volatile Memory Register Description
Figure 16:
Special Functions
Address
Bit Position
Field
R/W
Description
0x22
7:0
DAC12IN
R/W
Input word of the 12-bit output DAC
(Reg0x23[3] = MSB, Reg0x22[0] = LSB)
0x23
3:0
R/W
4DAC12INSEL
R/W
DAC 12 input buffer selection
5
DSPRN
R/W
Digital signal processing reset
6
GLOAD
R/W
Enable of gload
7-
-
Not used
0x32
7:0
ANGLECORDIC
R
Angle of the CORDIC output block.
(Reg0x33[5] = MSB, Reg0x32[0] = LSB)
0x33
5:0
7:6
-
-
Not used
0x34
7:0
MAG
R
CORDIC magnitude
0x35
7:0
AGC
R
AGC value
0x36
7:0
ANGLEFILTER
R
Angle of the digital filter output block
(Reg0x37[3] = MSB, Reg0x36[0] = LSB)
0x37
3:0
0x37
7:4
-
-
Not used
Address
Bit Position
Field
Description
0x60
7:0
P2F
Pass-to-Function, see UART
0x61
7:0
0x62
7:0
BURNOTP
Permanently burn OTP, see UART
0x63
7:0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com