Electronic Components Datasheet Search
  English  ▼

X  

AS5171 Datasheet(PDF) 26 Page - ams AG

Part # AS5171
Description  Accurate angle measurement
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5171 Datasheet(HTML) 26 Page - ams AG

Back Button AS5171 Datasheet HTML 22Page - ams AG AS5171 Datasheet HTML 23Page - ams AG AS5171 Datasheet HTML 24Page - ams AG AS5171 Datasheet HTML 25Page - ams AG AS5171 Datasheet HTML 26Page - ams AG AS5171 Datasheet HTML 27Page - ams AG AS5171 Datasheet HTML 28Page - ams AG AS5171 Datasheet HTML 29Page - ams AG AS5171 Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
Page 26
ams Datasheet
Document Feedback
[v1-01] 2016-Feb-17
AS5171 − Register Description
Figure 33:
PWMFTH Conditions
• For AS5171A readout failure: Comparison of the analog
output information versus the digital information of the
sensor. If the difference is too high output driver is kept in
high impedance. After a certain time this condition is
checked again.
The readout mechanism for AS5171A is defined by RDBCKDEB,
which set the maximum timeout period to wait before
triggering an error condition, according to the tables below.
Figure 34:
AS5171A Readout Mechanisms
Note(s) and/or Footnote(s):
1. 1 CORDIC cycle typ.:111
μs
PWMFTH
Delay (
μs)
0
0
PWM Read Back fall disabled
01
24-28
10
56-60
1
1
112-120
RDBCKDEB02
RDBCKDEB01
RDBCKDEB00
CORDIC
Cycles(1)
Note
0
0
0
0
Analog Read Back disabled
00
1
1
01
0
2
01
1
4
10
0
8
10
1
16
11
0
32
11
1
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com