Electronic Components Datasheet Search
  English  ▼

X  

AS5171 Datasheet(PDF) 32 Page - ams AG

Part # AS5171
Description  Accurate angle measurement
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5171 Datasheet(HTML) 32 Page - ams AG

Back Button AS5171 Datasheet HTML 28Page - ams AG AS5171 Datasheet HTML 29Page - ams AG AS5171 Datasheet HTML 30Page - ams AG AS5171 Datasheet HTML 31Page - ams AG AS5171 Datasheet HTML 32Page - ams AG AS5171 Datasheet HTML 33Page - ams AG AS5171 Datasheet HTML 34Page - ams AG AS5171 Datasheet HTML 35Page - ams AG AS5171 Datasheet HTML 36Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
Page 32
ams Datasheet
Document Feedback
[v1-01] 2016-Feb-17
AS5171 − Application Information
Figure 36 and Figure 37 show the recommended schematic in
the application. C1, C2 and C3 are Built-in capacitors in the SIP
Package as shown in Figure 41.
Figure 38:
SIP Components
The built-in capacitors are ceramic multilayer type X8R. The
capacitors build for high temperature applications up to 150°C
Components Spec
Figure 39:
SIP Components and Recommended ECU Components for AS5171A
Component
Symbol
Min
Typ
Max
Unit
Notes
SIP Component
VDD buffer capacitor
C1
90
100
110
nF
Included in the SIP
VDD3V3 regulator capacitor
C2
90
100
110
nF
Included in the SIP
OUT load capacitor (sensor PCB)
C3
4,23
4.7
5,17
nF
Included in the SIP
ECU Component
OUT load capacitor (ECU)
CL
033
nF
OUT pull-up resistance
RLPU
410
k
Ω
OUT pull-down resistance
RLPD
410
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com