Electronic Components Datasheet Search
  English  ▼

X  

MB9B210T Datasheet(PDF) 103 Page - SPANSION

Part # MB9B210T
Description  This document states the current technical specifications regarding
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B210T Datasheet(HTML) 103 Page - SPANSION

Back Button MB9B210T Datasheet HTML 99Page - SPANSION MB9B210T Datasheet HTML 100Page - SPANSION MB9B210T Datasheet HTML 101Page - SPANSION MB9B210T Datasheet HTML 102Page - SPANSION MB9B210T Datasheet HTML 103Page - SPANSION MB9B210T Datasheet HTML 104Page - SPANSION MB9B210T Datasheet HTML 105Page - SPANSION MB9B210T Datasheet HTML 106Page - SPANSION MB9B210T Datasheet HTML 107Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 137 page
background image
D a t a S h e e t
100
MB9B210T-DS706-00015-3v0-E, February 10, 2015
CONFIDENTIAL
 CSIO (SPI = 1, SCINV = 0)
(Vcc = 2.7V to 5.5V, Vss = 0V, Ta = - 40°C to + 85°C)
Parameter
Symbol
Pin
name
Conditions
Vcc < 4.5 V
Vcc
≥ 4.5 V
Unit
Min
Max
Min
Max
Serial clock cycle time
tSCYC
SCKx
Master mode
4tCYCP
-
4tCYCP
-
ns
SCK ↑ → SOT delay time
tSHOVI
SCKx,
SOTx
- 30
+ 30
- 20
+ 20
ns
SIN → SCK ↓ setup time
tIVSLI
SCKx,
SINx
50
-
30
-
ns
SCK ↓ → SIN hold time
tSLIXI
SCKx,
SINx
0
-
0
-
ns
SOT → SCK ↓ delay time
tSOVLI
SCKx,
SOTx
2tCYCP -
30
-
2tCYCP -
30
-
ns
Serial clock "L" pulse width
tSLSH
SCKx
Slave mode
2tCYCP -
10
-
2tCYCP -
10
-
ns
Serial clock "H" pulse width
tSHSL
SCKx
tCYCP +
10
-
tCYCP +
10
-
ns
SCK ↑ → SOT delay time
tSHOVE
SCKx,
SOTx
-
50
-
30
ns
SIN → SCK ↓ setup time
tIVSLE
SCKx,
SINx
10
-
10
-
ns
SCK ↓ → SIN hold time
tSLIXE
SCKx,
SINx
20
-
20
-
ns
SCK fall time
tF
SCKx
-
5
-
5
ns
SCK rise time
tR
SCKx
-
5
-
5
ns
Notes:  The above characteristics apply to CLK synchronous mode.
 t
CYCP indicates the APB bus clock cycle time.
About the APB bus number which Multi-function Serial is connected to, see "Block Diagram" in
this data sheet.
 These characteristics only guarantee the same relocate port number.
For example, the combination of SCKx_0 and SOTx_1 is not guaranteed.
 When the external load capacitance = 30 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com