Electronic Components Datasheet Search
  English  ▼

X  

MB9B210T Datasheet(PDF) 106 Page - SPANSION

Part # MB9B210T
Description  This document states the current technical specifications regarding
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B210T Datasheet(HTML) 106 Page - SPANSION

Back Button MB9B210T Datasheet HTML 102Page - SPANSION MB9B210T Datasheet HTML 103Page - SPANSION MB9B210T Datasheet HTML 104Page - SPANSION MB9B210T Datasheet HTML 105Page - SPANSION MB9B210T Datasheet HTML 106Page - SPANSION MB9B210T Datasheet HTML 107Page - SPANSION MB9B210T Datasheet HTML 108Page - SPANSION MB9B210T Datasheet HTML 109Page - SPANSION MB9B210T Datasheet HTML 110Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 137 page
background image
D a t a S h e e t
February 10, 2015, MB9B210T-DS706-00015-3v0-E
103
CONFIDENTIAL
tSCYC
tSLOVI
VOL
VOH
VOH
VOH
VOL
VOH
VOL
VIH
VIL
VIH
VIL
tIVSHI
tSHIXI
tSOVHI
Master mode
tSHSL
tR
tSLSH
tF
tSLOVE
VIL
VIL
VIL
VIH
VIH
VIH
VOH
VOL
VOH
VOL
VIH
VIL
VIH
VIL
tIVSHE
tSHIXE
Slave mode
 UART external clock input (EXT = 1)
(Vcc = 2.7V to 5.5V, Vss = 0V, Ta = - 40°C to + 85°C)
Parameter
Symbol Conditions
Value
Unit Remarks
Min
Max
Serial clock "L" pulse width
tSLSH
CL = 30 pF
tCYCP + 10
-
ns
Serial clock "H" pulse width
tSHSL
tCYCP + 10
-
ns
SCK fall time
tF
-
5
ns
SCK rise time
tR
-
5
ns
tSHSL
VIL
VIL
VIL
VIH
VIH
VIH
tR
tF
tSLSH
SCK
SOT
SIN
SCK
SOT
SIN
SCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com