Electronic Components Datasheet Search
  English  ▼

X  

MB9B210T Datasheet(PDF) 110 Page - SPANSION

Part # MB9B210T
Description  This document states the current technical specifications regarding
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B210T Datasheet(HTML) 110 Page - SPANSION

Back Button MB9B210T Datasheet HTML 106Page - SPANSION MB9B210T Datasheet HTML 107Page - SPANSION MB9B210T Datasheet HTML 108Page - SPANSION MB9B210T Datasheet HTML 109Page - SPANSION MB9B210T Datasheet HTML 110Page - SPANSION MB9B210T Datasheet HTML 111Page - SPANSION MB9B210T Datasheet HTML 112Page - SPANSION MB9B210T Datasheet HTML 113Page - SPANSION MB9B210T Datasheet HTML 114Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 137 page
background image
D a t a S h e e t
February 10, 2015, MB9B210T-DS706-00015-3v0-E
107
CONFIDENTIAL
(12) I
2C Timing
(Vcc = 2.7V to 5.5V, Vss = 0V, Ta = - 40°C to + 85°C)
Parameter
Symbol Conditions
Standard-mode
Fast-mode
Unit Remarks
Min
Max
Min
Max
SCL clock frequency
FSCL
CL = 30 pF,
R = (Vp/IOL)*
1
0
100
0
400
kHz
(Repeated) START condition
hold time
SDA ↓ → SCL ↓
tHDSTA
4.0
-
0.6
-
μs
SCLclock "L" width
tLOW
4.7
-
1.3
-
μs
SCLclock "H" width
tHIGH
4.0
-
0.6
-
μs
(Repeated) START setup time
SCL ↑ → SDA ↓
tSUSTA
4.7
-
0.6
-
μs
Data hold time
SCL ↓ → SDA ↓ ↑
tHDDAT
0
3.45*
2
0
0.9*
3
μs
Data setup time
SDA ↓ ↑ → SCL ↑
tSUDAT
250
-
100
-
ns
STOP condition setup time
SCL ↑ → SDA ↑
tSUSTO
4.0
-
0.6
-
μs
Bus free time between
"STOP condition" and
"START condition"
tBUF
4.7
-
1.3
-
μs
Noise filter
tSP
8 MHz ≤
tCYCP ≤ 40 MHz
2 tCYCP*
4
-
2 tCYCP*
4
-
ns
*5
40 MHz <
tCYCP ≤ 60 MHz
3 tCYCP*
4
-
3 tCYCP*
4
-
ns
*5
60 MHz <
tCYCP ≤ 72 MHz
4 tCYCP*
4
-
4 tCYCP*
4
-
ns
*5
*1: R and C represent the pull-up resistance and load capacitance of the SCL and SDA lines, respectively.
Vp indicates the power supply voltage of the pull-up resistance and IOL indicates VOL guaranteed current.
*2: The maximum tHDDAT must satisfy that it does not extend at least "L" period (tLOW) of device's SCL signal.
*3: A Fast-mode I
2C bus device can be used on a Standard-mode I2C bus system as long as the device satisfies
the requirement of "tSUDAT ≥ 250 ns".
*4: tCYCP is the APB bus clock cycle time.
About the APB bus number which I
2C is connected to, see "Block Diagram" in this data sheet.
To use Standard-mode, set the APB bus clock at 2 MHz or more.
To use Fast-mode, set the APB bus clock at 8 MHz or more.
*5: The number of steps of the noise filter can be changed with register settings.
Change the number of the noise filter steps according to APB2 bus clock frequency.
SDA
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com