Electronic Components Datasheet Search
  English  ▼

X  

MB9B210T Datasheet(PDF) 114 Page - SPANSION

Part # MB9B210T
Description  This document states the current technical specifications regarding
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B210T Datasheet(HTML) 114 Page - SPANSION

Back Button MB9B210T Datasheet HTML 110Page - SPANSION MB9B210T Datasheet HTML 111Page - SPANSION MB9B210T Datasheet HTML 112Page - SPANSION MB9B210T Datasheet HTML 113Page - SPANSION MB9B210T Datasheet HTML 114Page - SPANSION MB9B210T Datasheet HTML 115Page - SPANSION MB9B210T Datasheet HTML 116Page - SPANSION MB9B210T Datasheet HTML 117Page - SPANSION MB9B210T Datasheet HTML 118Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 137 page
background image
D a t a S h e e t
February 10, 2015, MB9B210T-DS706-00015-3v0-E
111
CONFIDENTIAL
 RMII receiving (100Mbps/10Mbps)
(ETHVcc = 3.0V to 3.6V, 4.5V to 5.5V)
(Vss = 0V, Ta = - 40°C to + 85°C, CL=25pF)
Parameter
Symbol
Pin name
Conditions
Value
Unit
Min
Max
Reference Clock
Cycle time*
tREFCYC
E_RXCK0_REFCK
20 ns (typical)
-
-
ns
Reference Clock
High pulse width duty
tREFCYCH
E_RXCK0_REFCK
tREFCYCH /
tREFCYC
35
65
%
Reference Clock
Low pulse width duty
tREFCYCL
E_RXCK0_REFCK
tREFCYCL /
tREFCYC
35
65
%
Received data → REFCK↑
Setup time(ch.0)
tRMIIRXS
E_RX01,
E_RX00,
E_RXDV0
-
4
-
ns
Received data → REFCK↑
Setup time(ch.1)
E_RX03_RX11,
E_RX02_RX10,
E_RXER0_RXDV1
REFCK ↑ → Received data
Hold time(ch.0)
tRMIIRXH
E_RX01,
E_RX00,
E_RXDV0
-
2
-
ns
REFCK ↑ → Received data
Hold time (ch.1)
E_RX03_RX11,
E_RX02_RX10,
E_RXER0_RXDV1
*: The reference clock is fixed to 50 MHz in the RMII specifications.
The clock accuracy should meet the PHY-device specifications.
E_RXCK0_REFCK
E_RX03_RX11
E_RX02_RX10
E_RX01
E_RX00
E_RXDV0
E_RXER0_RXDV1
tREFCYC
tREFCYCH
tREFCYCL
tRMIIRXS
tRMIIRXH
VIHS
VIHS
VIHS
VIHS
VILS
VILS
VILS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com