Electronic Components Datasheet Search
  English  ▼

X  

MB9DF564LLE Datasheet(PDF) 27 Page - SPANSION

Part # MB9DF564LLE
Description  This document states the current technical specifications regarding
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9DF564LLE Datasheet(HTML) 27 Page - SPANSION

Back Button MB9DF564LLE Datasheet HTML 23Page - SPANSION MB9DF564LLE Datasheet HTML 24Page - SPANSION MB9DF564LLE Datasheet HTML 25Page - SPANSION MB9DF564LLE Datasheet HTML 26Page - SPANSION MB9DF564LLE Datasheet HTML 27Page - SPANSION MB9DF564LLE Datasheet HTML 28Page - SPANSION MB9DF564LLE Datasheet HTML 29Page - SPANSION MB9DF564LLE Datasheet HTML 30Page - SPANSION MB9DF564LLE Datasheet HTML 31Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 109 page
background image
D at aS he e t
26
MB9D560_DS708-00001-3v0-E, May 15, 2015
CONFIDENTIAL
Pin Number
Pin Name
I/O Circuit
Type
Functions
208pin
176pin
44
40
P027
E
General-purpose I/O port
45
41
P028
E
General-purpose I/O port
46
42
P029
DAOUT0
G
General-purpose I/O port
D/A converter ch.0 analog output pin
47
43
P430
ERDS0
E
General-purpose I/O port
Error detection output pin ch.0
48
-
P030
DTTI2
FRCK12
E
General-purpose I/O port
Waveform generator output stop signal input pin 2
16-bit free-run timer ch.12 external clock input pin
49
-
P031
RTO12
FRCK13
E
General-purpose I/O port
Waveform generator ch.12 output pin
16-bit free-run timer ch.13 external clock input pin
50
-
P309
RTO13
FRCK14
E
General-purpose I/O port
Waveform generator ch.13 output pin
16-bit free-run timer ch.14 external clock input pin
51
-
P310
RTO14
FRCK15
E
General-purpose I/O port
Waveform generator ch.14 output pin
16-bit free-run timer ch.15 external clock input pin
55
-
P311
RTO15
FRCK16
E
General-purpose I/O port
Waveform generator ch.15 output pin
16-bit free-run timer ch.16 external clock input pin
56
-
P312
RTO16
FRCK17
E
General-purpose I/O port
Waveform generator ch.16 output pin
16-bit free-run timer ch.17 external clock input pin
57
-
P313
RTO17
E
General-purpose I/O port
Waveform generator ch.17 output pin
58
46
P314
DTTI3
TIOA0
E
General-purpose I/O port
Waveform generator output stop signal input pin 3
Base timer ch.0 TIOA output pin
59
47
P315
RTO18
TIOB0
E
General-purpose I/O port
Waveform generator ch.18 output pin
Base timer ch.0 TIOB input pin
60
48
P316
RTO19
TIOA1
E
General-purpose I/O port
Waveform generator ch.19 output pin
Base timer ch.1 TIOA I/O pin
61
49
P317
RTO20
TIOB1
E
General-purpose I/O port
Waveform generator ch.20 output pin
Base timer ch.1 TIOB input pin
62
50
P318
RTO21
TIOA2
E
General-purpose I/O port
Waveform generator ch.21 output pin
Base timer ch.2 TIOA output pin
63
51
P319
RTO22
TIOB2
E
General-purpose I/O port
Waveform generator ch.22 output pin
Base timer ch.2 TIOB input pin
64
52
P320
RTO23
TIOA3
E
General-purpose I/O port
Waveform generator ch.23 output pin
Base timer ch.3 TIOA I/O pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com