Electronic Components Datasheet Search
  English  ▼

X  

MB9DF564LLE Datasheet(PDF) 42 Page - SPANSION

Part # MB9DF564LLE
Description  This document states the current technical specifications regarding
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9DF564LLE Datasheet(HTML) 42 Page - SPANSION

Back Button MB9DF564LLE Datasheet HTML 38Page - SPANSION MB9DF564LLE Datasheet HTML 39Page - SPANSION MB9DF564LLE Datasheet HTML 40Page - SPANSION MB9DF564LLE Datasheet HTML 41Page - SPANSION MB9DF564LLE Datasheet HTML 42Page - SPANSION MB9DF564LLE Datasheet HTML 43Page - SPANSION MB9DF564LLE Datasheet HTML 44Page - SPANSION MB9DF564LLE Datasheet HTML 45Page - SPANSION MB9DF564LLE Datasheet HTML 46Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 109 page
background image
D at aS he e t
May 15, 2015, MB9D560_DS708-00001-3v0-E
41
CONFIDENTIAL
8. Handling Devices
For Latch-up Prevention
If a voltage higher than VCC5 or VCC12, or a voltage lower than VSS is applied to an I/O pin, or if a voltage
exceeding the ratings is applied between VCC5 to VSS and VCC12 to VSS pins, a latch-up may occur in
CMOS IC. If the latch-up occurs, the power supply current increases excessively and device elements may
be damaged by heat. Take care to prevent any voltage from exceeding the maximum ratings in device
application.
Also, the analog power supplies (AVCC0, AVCC1, AVCC2, AVRH0, AVRH1, AVRH2, RVCC0, RVCC1,
RVRH0, RVEH1) and analog input must not exceed the digital power supply (VCC5) when the power supply
to the analog system is turned on or off.
In the correct power-on sequence, turn on the digital power supply voltage (VCC5, VCC12) and analog
power supply voltages (AVCC0, AVCC1, AVCC2, AVRH0, AVRH1, AVRH2, RVCC0, RVCC1, RVRH0,
RVRH1) simultaneously. Alternatively, turn on the digital power supply voltage (VCC5) first, and then turn on
the analog power supplies (AVCC0, AVCC1, AVCC2, AVRH0, AVRH1, AVRH2, RVCC0, RVCC1,
RVRH0, RVRH1).
Treatment of Unused Pins
If unused input pins are left open, they may cause a permanent damage to the device due to device
malfunction or latch-up. Connect a 2 kΩ or higher resistor to each of unused input pins for pull-up or
pull-down processing.
Also, if I/O pins are not used, they must be set to the output state for releasing or they must be set to the
input state and treated in the same way as for the input pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com