Electronic Components Datasheet Search
  English  ▼

X  

MB9DF564LLE Datasheet(PDF) 17 Page - SPANSION

Part # MB9DF564LLE
Description  This document states the current technical specifications regarding
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9DF564LLE Datasheet(HTML) 17 Page - SPANSION

Back Button MB9DF564LLE Datasheet HTML 13Page - SPANSION MB9DF564LLE Datasheet HTML 14Page - SPANSION MB9DF564LLE Datasheet HTML 15Page - SPANSION MB9DF564LLE Datasheet HTML 16Page - SPANSION MB9DF564LLE Datasheet HTML 17Page - SPANSION MB9DF564LLE Datasheet HTML 18Page - SPANSION MB9DF564LLE Datasheet HTML 19Page - SPANSION MB9DF564LLE Datasheet HTML 20Page - SPANSION MB9DF564LLE Datasheet HTML 21Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 109 page
background image
D at aS he e t
16
MB9D560_DS708-00001-3v0-E, May 15, 2015
CONFIDENTIAL
5. Pin Description
Part Number with RDC
Pin Number
Pin Name
I/O Circuit
Type
Functions
208 pin 176 pin
3
-
P305
FRCK0
E
General-purpose I/O port
16-bit free-run timer ch.0 external clock input pin
4
-
P306
FRCK1
E
General-purpose I/O port
16-bit free-run timer ch.1 external clock input pin
5
3
P000
DTTI0
4ADTG0
E
General-purpose I/O port
Waveform generator output stop signal input pin 0
4ch sample-hold A/D converter unit0 external trigger input pin
6
4
P001
RTO0
E
General-purpose I/O port
Waveform generator ch.0 output pin
7
5
P002
RTO1
E
General-purpose I/O port
Waveform generator ch.1 output pin
8
6
P003
RTO2
E
General-purpose I/O port
Waveform generator ch.2 output pin
9
7
P004
RTO3
E
General-purpose I/O port
Waveform generator ch.3 output pin
10
8
P005
RTO4
E
General-purpose I/O port
Waveform generator ch.4 output pin
11
9
P006
RTO5
E
General-purpose I/O port
Waveform generator ch.5 output pin
14
10
P007
4AN0
F
General-purpose I/O port
4ch sample-hold A/D converter unit0 analog 0 input pin
15
11
P008
4AN1
F
General-purpose I/O port
4ch sample-hold A/D converter unit0 analog 1 input pin
16
12
P009
4AN2
F
General-purpose I/O port
4ch sample-hold A/D converter unit0 analog 2 input pin
17
13
P010
4AN3
F
General-purpose I/O port
4ch sample-hold A/D converter unit0 analog 3 input pin
23
19
P011
RDC_W0
ZIN0
E
General-purpose I/O port
R/D converter unit0 W-phase output pin
Up/Down counter ch.0 ZIN input pin
24
20
P012
RDC_V0
BIN0
E
General-purpose I/O port
R/D converter unit0 V-phase output pin
Up/Down counter ch.0 BIN input pin
25
21
P013
RDC_U0
AIN0
E
General-purpose I/O port
R/D converter unit0 U-phase output pin
Up/Down counter ch.0 AIN input pin
26
22
P014
RDC_Z0
ZIN1
E
General-purpose I/O port
R/D converter unit0 Z-phase output pin
Up/Down counter ch.1 ZIN input pin
27
23
P015
RDC_B0
BIN1
E
General-purpose I/O port
R/D converter unit0 B-phase output pin
Up/Down counter ch.1 BIN input pin
28
24
P016
RDC_A0
AIN1
E
General-purpose I/O port
R/D converter unit0 A-phase output pin
Up/Down counter ch.1 AIN input pin
29
25
AREF20
L
R/D converter unit0 Aref output pin(RVCC0/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com