Electronic Components Datasheet Search
  English  ▼

X  

MB9DF564LLE Datasheet(PDF) 93 Page - SPANSION

Part # MB9DF564LLE
Description  This document states the current technical specifications regarding
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9DF564LLE Datasheet(HTML) 93 Page - SPANSION

Back Button MB9DF564LLE Datasheet HTML 89Page - SPANSION MB9DF564LLE Datasheet HTML 90Page - SPANSION MB9DF564LLE Datasheet HTML 91Page - SPANSION MB9DF564LLE Datasheet HTML 92Page - SPANSION MB9DF564LLE Datasheet HTML 93Page - SPANSION MB9DF564LLE Datasheet HTML 94Page - SPANSION MB9DF564LLE Datasheet HTML 95Page - SPANSION MB9DF564LLE Datasheet HTML 96Page - SPANSION MB9DF564LLE Datasheet HTML 97Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 109 page
background image
D at aS he e t
92
MB9D560_DS708-00001-3v0-E, May 15, 2015
CONFIDENTIAL
(6) Timer Input Timing
(TA: Recommended operating conditions, VCC=5.0V±0.5V, VDD=1.2V±0.1V, VSS= AVSS= RVSS=0.0V)
Parameter
Symbol
Pin Name
Conditions
Value
Unit
Remarks
Min
Max
Input pulse width
tTIWH,
tTIWL
IN16 to IN21,
TIOA0 to TIOA11,
TIOB0 to TIOB11
-
4tCLK_PERI1
-
ns
IN4 to IN14,
FRCK6 to FRCK10,
FRCK12 to FRCK17
-
4tCLK_PERI4
-
ns
4tCLK_PERI4≥70ns
70
4tCLK_PERI4<70ns
IN0 to IN3,
FRCK0 to FRCK1,
FRCK4 to FRCK5
-
4tCLK_PERI5
-
ns
4tCLK_PERI5≥70ns
70
4tCLK_PERI5<70ns
AIN0, BIN0, ZIN0
-
4tCLK_PERI5
-
ns
4tCLK_PERI5≥70ns
70
4tCLK_PERI5<70ns
AIN2, BIN2, ZIN2
-
4tCLK_PERI4
-
ns
4tCLK_PERI4≥70ns
70
4tCLK_PERI4<70ns
− Timer input timing
VIH
VIL
INx
tTIWL
tTIWH
VIH
VIL
FRCKx
TIOAx,TIOBx
AINx,BINx,ZINx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com