Electronic Components Datasheet Search
  English  ▼

X  

MB9DF564LLE Datasheet(PDF) 12 Page - SPANSION

Part # MB9DF564LLE
Description  This document states the current technical specifications regarding
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9DF564LLE Datasheet(HTML) 12 Page - SPANSION

Back Button MB9DF564LLE Datasheet HTML 8Page - SPANSION MB9DF564LLE Datasheet HTML 9Page - SPANSION MB9DF564LLE Datasheet HTML 10Page - SPANSION MB9DF564LLE Datasheet HTML 11Page - SPANSION MB9DF564LLE Datasheet HTML 12Page - SPANSION MB9DF564LLE Datasheet HTML 13Page - SPANSION MB9DF564LLE Datasheet HTML 14Page - SPANSION MB9DF564LLE Datasheet HTML 15Page - SPANSION MB9DF564LLE Datasheet HTML 16Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 109 page
background image
D at aS he e t
May 15, 2015, MB9D560_DS708-00001-3v0-E
11
CONFIDENTIAL
3. Product Lineup
Memory Size
Parameter
MB9DF564
MB9DF565
MB9DF566
FLASH size (program)
(512KB+128KB)2
(768KB+128KB)2
(1024KB+128KB)2
FLASH size (Work)
64KB2
64KB2
64KB2
RAM size
64KB2
96KB2
128KB2
Functions
Pin number
208 pin
176 pin
System clock
On-chip PLL clock multiplication system
Minimum instruction execution time :5 ns (200 MHz)
CR oscillator (fast/slow)
Yes
DMAC
16 channels
Base timer
12 channels (0 to 11)
6 channels (0 to 3, 6, 7)
32-bit free-run timer
5 channels
32-bit input capture
3 units (6 channels)
16-bit free-run timer
20 channels*1
16-bit input capture
8 units (0 to 7)
(15 channels (0 to 14))
7 units (0 to 6)
(13 channels (0 to 12))
16-bit output compare
12 units (0 to 11)
(24 channels (0 to 23))
9 units (0 to 5, 9 to 11)
(18 channels (0 to 11, 18 to 23))
Waveform generator
4 units (0 to 3)
(24 channels (0 to 23))
3 units (0, 1, 3)
(18 channels (0 to 11, 18 to 23))
External interrupt
8 channels (0 to 7)
6 channels (0 to 4, 7)
A/D converter
1 unit (32 channels)
4ch sample-hold A/D converter
2 units (8 channels)
R/D converter
2 units*2
D/A converter
2 channels*2
Up/Down counter
4 channels
Motor vector operation accelerator
2 units
Multi-function serial interface
5 channels (0 to 4)
3 channels (0, 1, 4)
CAN
3 channels
FlexRay
128 msb x 1 unit (ch.A / ch.B)*2
Inter-processor communications unit
Yes
Exclusive access memory
Yes
Software watchdog timer
Yes
Hardware watchdog timer
Yes
CRC
2 channels
Internal power supply low-voltage
detection
Yes
External power supply low-voltage
detection
Yes
Key code
Yes*2
Package
LER208
LEP176
Debugging interface
JTAG interface
*1: 2 channels for motor control
*2: The function is different according to the part number. See "15. Part Number Option".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com