Electronic Components Datasheet Search
  English  ▼

X  

MB9DF564LLE Datasheet(PDF) 30 Page - SPANSION

Part # MB9DF564LLE
Description  This document states the current technical specifications regarding
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9DF564LLE Datasheet(HTML) 30 Page - SPANSION

Back Button MB9DF564LLE Datasheet HTML 26Page - SPANSION MB9DF564LLE Datasheet HTML 27Page - SPANSION MB9DF564LLE Datasheet HTML 28Page - SPANSION MB9DF564LLE Datasheet HTML 29Page - SPANSION MB9DF564LLE Datasheet HTML 30Page - SPANSION MB9DF564LLE Datasheet HTML 31Page - SPANSION MB9DF564LLE Datasheet HTML 32Page - SPANSION MB9DF564LLE Datasheet HTML 33Page - SPANSION MB9DF564LLE Datasheet HTML 34Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 109 page
background image
D at aS he e t
May 15, 2015, MB9D560_DS708-00001-3v0-E
29
CONFIDENTIAL
Pin Number
Pin Name
I/O Circuit
Type
Functions
208pin
176pin
128
109
P116
AIN3
E
General-purpose I/O port
Up/Down counter ch.3 AIN input pin
129
110
P115
BIN3
E
General-purpose I/O port
Up/Down counter ch.3 BIN input pin
130
111
P114
ZIN3
E
General-purpose I/O port
Up/Down counter ch.3 ZIN input pin
131
112
P113
AIN2
E
General-purpose I/O port
Up/Down counter ch.2 AIN input pin
132
113
P112
BIN2
E
General-purpose I/O port
Up/Down counter ch.2 BIN input pin
133
114
P111
ZIN2
E
General-purpose I/O port
Up/Down counter ch.2 ZIN input pin
139
120
P110
4AN7
F
General-purpose I/O port
4ch sample-hold A/D converter unit1 analog 7 input pin
140
121
P109
4AN6
F
General-purpose I/O port
4ch sample-hold A/D converter unit1 analog 6 input pin
141
122
P108
4AN5
F
General-purpose I/O port
4ch sample-hold A/D converter unit1 analog 5 input pin
142
123
P107
4AN4
F
General-purpose I/O port
4ch sample-hold A/D converter unit1 analog 4 input pin
145
124
P106
RTO11
E
General-purpose I/O port
Waveform generator ch.11 output pin
146
125
P105
RTO10
E
General-purpose I/O port
Waveform generator ch.10 output pin
147
126
P104
RTO9
E
General-purpose I/O port
Waveform generator ch.9 output pin
148
127
P103
RTO8
E
General-purpose I/O port
Waveform generator ch.8 output pin
149
128
P102
RTO7
E
General-purpose I/O port
Waveform generator ch.7 output pin
150
129
P101
RTO6
E
General-purpose I/O port
Waveform generator ch.6 output pin
151
130
P100
DTTI1
4ADTG1
E
General-purpose I/O port
Waveform generator output stop signal input pin 1
4ch sample-hold A/D converter unit1 external trigger input pin
152
-
P421
SIN3
INT6
FRCK8
E
General-purpose I/O port
Multi-function serial interface ch.3 serial data input pin
INT6 external interrupt input pin
16-bit free-run timer ch.8 external clock input pin
153
-
P422
SOT3
FRCK9
IN13
E
General-purpose I/O port
Multi -function serial interface ch.3 serial data output pin
16-bit free-run timer ch.9 external clock input pin
16-bit input capture ch.13 external pulse input pin
154
-
P423
SCK3
FRCK10
IN14
E
General-purpose I/O port
Multi-function serial interface ch.3 clock I/O pin
16-bit free-run timer ch.10 external clock input pin
16-bit input capture ch.14 external pulse input pin
158
-
P425
TIOA8
E
General-purpose I/O port
Base timer ch.8 TIOA output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com