Electronic Components Datasheet Search
  English  ▼

X  

MB9DF564LLE Datasheet(PDF) 61 Page - SPANSION

Part # MB9DF564LLE
Description  This document states the current technical specifications regarding
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9DF564LLE Datasheet(HTML) 61 Page - SPANSION

Back Button MB9DF564LLE Datasheet HTML 57Page - SPANSION MB9DF564LLE Datasheet HTML 58Page - SPANSION MB9DF564LLE Datasheet HTML 59Page - SPANSION MB9DF564LLE Datasheet HTML 60Page - SPANSION MB9DF564LLE Datasheet HTML 61Page - SPANSION MB9DF564LLE Datasheet HTML 62Page - SPANSION MB9DF564LLE Datasheet HTML 63Page - SPANSION MB9DF564LLE Datasheet HTML 64Page - SPANSION MB9DF564LLE Datasheet HTML 65Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 109 page
background image
D at aS he e t
60
MB9D560_DS708-00001-3v0-E, May 15, 2015
CONFIDENTIAL
13.3 DC Characteristics
(TA: Recommended operating conditions, VCC=5.0V±0.5V, VDD=1.2V±0.1V, VSS= AVSS= RVSS=0.0V)
Parameter
Symbol
Pin Name
Conditions
Value
Unit
Remarks
Min
Typ
Max
"H" level input
voltage
VIH1
P000 to P016,
P026,
P030 to P031,
P100 to P116,
P126, P131,
P200 to P231,
P300 toP306,
P309 to P324,
P406 to P423,
P425 to P431
When CMOS schmitt
input level is
selected
0.7VCC
-
Vcc+0.3
V
VIH2
P000 to P016,
P026,
P030 to P031,
P100 to P116,
P126, P131,
P200 to P231,
P300 to P306,
P309 to P330,
P406 to P423,
P425 to P431
When automotive
input level is
selected
0.8VCC
-
Vcc+0.3
V
VIH3
P325 to P330
When FlexRay input
level is selected
0.7VCC
-
Vcc+0.3
V
VIH4
RSTX, NMIX
-
0.7VCC
-
Vcc+0.3
V
VIH5
MD0, MD1
-
0.7VCC
-
Vcc+0.3
V
VIH6
TRSTX,
TCK, TDI,
TMS, nSRST
-
2.3
-
Vcc+0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com