Electronic Components Datasheet Search
  English  ▼

X  

MB9DF564LLE Datasheet(PDF) 97 Page - SPANSION

Part # MB9DF564LLE
Description  This document states the current technical specifications regarding
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9DF564LLE Datasheet(HTML) 97 Page - SPANSION

Back Button MB9DF564LLE Datasheet HTML 93Page - SPANSION MB9DF564LLE Datasheet HTML 94Page - SPANSION MB9DF564LLE Datasheet HTML 95Page - SPANSION MB9DF564LLE Datasheet HTML 96Page - SPANSION MB9DF564LLE Datasheet HTML 97Page - SPANSION MB9DF564LLE Datasheet HTML 98Page - SPANSION MB9DF564LLE Datasheet HTML 99Page - SPANSION MB9DF564LLE Datasheet HTML 100Page - SPANSION MB9DF564LLE Datasheet HTML 101Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 109 page
background image
D at aS he e t
96
MB9D560_DS708-00001-3v0-E, May 15, 2015
CONFIDENTIAL
13.5 A/D Converter
(1) Electrical Characteristics
(TA: Recommended operating conditions, VCC=5.0V±0.5V, VDD=1.2V±0.1V, VSS=AVSS=RVSS=0.0V)
Parameter
Symbol
Pin Name
Value
Unit
Remarks
Min
Typ
Max
Resolution
-
-
-
-
12
bit
Non linearity error
-
-
-4.0
-
+4.0
LSB
Differential linearity
error
-
-
-1.9
-
+1.9
LSB
Zero transition
voltage
VZT
AN0 to AN31
AVRL
+0.5LSB-20
-
AVRL
+0.5LSB+20
mV
1LSB=(VFST-VZT)/4094
Full-scale transition
voltage
VFST
AN0 to AN31
AVRH
-1.5LSB-20
-
AVRH
-1.5LSB+20
mV
Sampling time
tSMP
-
0.3
-
12
µ
s
*1
Compare time
tCMP
-
0.7
-
28
µ
s
*1
A/D conversion time
tCNV
-
1.0
-
40
µ
s
*1
Analog port input
current
IAIN
AN0 to AN31
-2.0
-
2.0
µ
A
VAVSS≤VAIN≤VAVCC
Analog input voltage
VAIN
AN0 to AN31
AVSS
-
AVRH
V
Reference voltage
AVRH
AVRH2
4.5
-
5.5
V
AVCC≥AVRH
AVRL
AVRL2
-
0.0
-
V
Power supply
current
IA
AVCC2
-
500
680
µ
A
IAH
-
-
17.7
µ
A
*2
IR
AVRH2
-
1
2
mA
IRH
-
-
2.16
µ
A
*2
Variation between
channels
-
AN0 to AN31
-
-
4
LSB
*1: Time for each channel.
*2: The power supply current (VCC=AVCC=5.0V) is specified if the A/D converter is not operating and CPU is
stopped.
(2) Notes on Using A/D Converter
<About the output impedance of the analog input of external circuit>
When the external impedance is too high, the sampling time for analog voltages may not be sufficient.
In this case, it is recommended to connect the capacitor (approx. 0.1 µF) to the analog input pin.
− Analog input circuit model
R
C
12bit A/D
3.0kΩ (max)
8.30pF (max) (4.5V ≤ AVcc ≤ 5.5V)
Note: Listed values must be considered as reference values.
R
C
Sampling ON
Comparator
Analog input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com