Electronic Components Datasheet Search
  English  ▼

X  

MB9DF564LLE Datasheet(PDF) 24 Page - SPANSION

Part # MB9DF564LLE
Description  This document states the current technical specifications regarding
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9DF564LLE Datasheet(HTML) 24 Page - SPANSION

Back Button MB9DF564LLE Datasheet HTML 20Page - SPANSION MB9DF564LLE Datasheet HTML 21Page - SPANSION MB9DF564LLE Datasheet HTML 22Page - SPANSION MB9DF564LLE Datasheet HTML 23Page - SPANSION MB9DF564LLE Datasheet HTML 24Page - SPANSION MB9DF564LLE Datasheet HTML 25Page - SPANSION MB9DF564LLE Datasheet HTML 26Page - SPANSION MB9DF564LLE Datasheet HTML 27Page - SPANSION MB9DF564LLE Datasheet HTML 28Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 109 page
background image
D at aS he e t
May 15, 2015, MB9D560_DS708-00001-3v0-E
23
CONFIDENTIAL
Pin Number
Pin Name
I/O Circuit
Type
Functions
208 pin 176 pin
201
173
P230
AN30
SCS42
IN4
F
General-purpose I/O port
A/D converter analog 30 input pin
Multi-function serial interface ch.4 serial chip select 2 I/O pin
16-bit input capture ch.4 external pulse input pin
202
174
P231
AN31
SCS43
IN5
F
General-purpose I/O port
A/D converter analog 31 input pin
Multi-function serial interface ch.4 serial chip select 3 I/O pin
16-bit input capture ch.5 external pulse input pin
203
175
P300
ADTG0
E
General-purpose I/O port
A/D converter external trigger input pin
204
-
P301
TIOA10
FRCK4
E
General-purpose I/O port
Base timer ch.10 TIOA output pin
16-bit free-run timer ch.4 external clock input pin
205
-
P302
TIOB10
FRCK5
E
General-purpose I/O port
Base timer ch.10 TIOB input pin
16-bit free-run timer ch.5 external clock input pin
206
-
P303
TIOA11
FRCK6
E
General-purpose I/O port
Base timer ch.11 TIOA I/O pin
16-bit free-run timer ch.6 external clock input pin
207
-
P304
TIOB11
FRCK7
E
General-purpose I/O port
Base timer ch.11 TIOB input pin
16-bit free-run timer ch.7 external clock input pin
18
14
AVRH0
-
4ch sample-hold A/D converter unit0 upper limit reference voltage
19
15
AVRL0
-
4ch sample-hold A/D converter unit0 lower limit reference voltage
20
16
AVR0
-
4ch sample-hold A/D converter unit0 reference voltage
21
17
AVSS0
-
4ch sample-hold A/D converter unit0 analog GND
22
18
AVCC0
-
4ch sample-hold A/D converter unit0 analog power supply
134
115
AVCC1
-
4ch sample-hold A/D converter unit1 analog power supply
135
116
AVSS1
-
4ch sample-hold A/D converter unit1 analog GND
136
117
AVR1
-
4ch sample-hold A/D converter unit1 reference voltage
137
118
AVRL1
-
4ch sample-hold A/D converter unit1 lower limit reference voltage
138
119
AVRH1
-
4ch sample-hold A/D converter unit1 upper limit reference voltage
38
34
RVRH0
-
R/D converter unit0 upper limit reference voltage
39
35
RVRL0
-
R/D converter unit0 lower limit reference voltage
40
36
RVR0
-
R/D converter unit0 reference voltage
41
37
RVSS0
-
R/D converter unit0 analog GND
42
38
RVCC0
-
R/D converter unit0 analog power supply
114
95
RVCC1
-
R/D converter unit1 analog power supply
115
96
RVSS1
-
R/D converter unit1 analog GND
116
97
RVR1
-
R/D converter unit1 reference voltage
117
98
RVRL1
-
R/D converter unit1 lower limit reference voltage
118
99
RVRH1
-
R/D converter unit1 upper limit reference voltage
181
153
AVCC2
-
A/D converter analog power supply
182
154
AVSS2
-
A/D converter analog GND
183
155
AVRL2
-
A/D converter lower limit reference voltage
184
156
AVRH2
-
A/D converter upper limit reference voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com