Electronic Components Datasheet Search
  English  ▼

X  

MB9DF564LLE Datasheet(PDF) 59 Page - SPANSION

Part # MB9DF564LLE
Description  This document states the current technical specifications regarding
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9DF564LLE Datasheet(HTML) 59 Page - SPANSION

Back Button MB9DF564LLE Datasheet HTML 55Page - SPANSION MB9DF564LLE Datasheet HTML 56Page - SPANSION MB9DF564LLE Datasheet HTML 57Page - SPANSION MB9DF564LLE Datasheet HTML 58Page - SPANSION MB9DF564LLE Datasheet HTML 59Page - SPANSION MB9DF564LLE Datasheet HTML 60Page - SPANSION MB9DF564LLE Datasheet HTML 61Page - SPANSION MB9DF564LLE Datasheet HTML 62Page - SPANSION MB9DF564LLE Datasheet HTML 63Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 109 page
background image
D at aS he e t
58
MB9D560_DS708-00001-3v0-E, May 15, 2015
CONFIDENTIAL
13.2 Recommended Operating Conditions
(VSS=AVSS-RVSS=0.0V)
Parameter
Symbol
Value
Unit
Remarks
Min
Max
Power supply voltage
VCC
4.5
5.5
V
Recommended operation
guarantee range
VDD
1.1
1.3
V
AVCC
4.5
5.5
V
RVCC
4.5
5.5
V
VCC
3.7
5.5
V
Operation guarantee range
VDD
1.09
1.3
V
AVCC
3.7
5.5
V
RVCC
3.7
5.5
V
Smoothing capacitor*
CREF
0.33
1.0
µ
F
Tolerance within ±40%
Operating temperature
TA
-40
+125
°
C
* : For connection of smoothing capacitor CREF, see the figure below.
− CREF pin connection
CREF
AVR0
AVRL0
AVRH0
MB9D560 series
Pin
AVCC0
AVSS0
Wire
Decoupling capacitor
(0.01µF to 1µF)
It should be used smoothing capacitor for between AVR1 to AVRL1, RVR0 to RVRL0,
RVR1 to RVRL1 as well.
− CREF capacitor size and A/D converter activation time
It depends on activation time of A/D converter with R/D converter and activation time of
4 channels same time sampling A/D converter by CREF capacitor seize. The
computation expression of activation time is as follows.
Activation time = 9 × CREF × 1.2k + 1μ [s]
Activation time relate with following time from activation trigger, please use smoothing
capacitor with system operation conditions.
If A/D converter of 4 channels same time sampling,
Set to "1" for ENBL bit of A/D enable setting register.
If A/D converter with R/D converter,
Set to "1" for RDCEN bit of operation control register 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com