Electronic Components Datasheet Search
  English  ▼

X  

MB9DF564LLE Datasheet(PDF) 29 Page - SPANSION

Part # MB9DF564LLE
Description  This document states the current technical specifications regarding
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9DF564LLE Datasheet(HTML) 29 Page - SPANSION

Back Button MB9DF564LLE Datasheet HTML 25Page - SPANSION MB9DF564LLE Datasheet HTML 26Page - SPANSION MB9DF564LLE Datasheet HTML 27Page - SPANSION MB9DF564LLE Datasheet HTML 28Page - SPANSION MB9DF564LLE Datasheet HTML 29Page - SPANSION MB9DF564LLE Datasheet HTML 30Page - SPANSION MB9DF564LLE Datasheet HTML 31Page - SPANSION MB9DF564LLE Datasheet HTML 32Page - SPANSION MB9DF564LLE Datasheet HTML 33Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 109 page
background image
D at aS he e t
28
MB9D560_DS708-00001-3v0-E, May 15, 2015
CONFIDENTIAL
Pin Number
Pin Name
I/O Circuit
Type
Functions
208pin
176pin
91
79
P407
SOT1
E
General-purpose I/O port
Multi-function serial interface ch.1 serial data output pin
92
80
P408
SCK1
E
General-purpose I/O port
Multi-function serial interface ch.1 clock I/O pin
93
81
P409
RX0
INT0
E
General-purpose I/O port
CAN ch.0 reception data input pin
INT0 external interrupt input pin
94
82
P410
TX0
E
General-purpose I/O port
CAN ch.0 transmission data output pin
95
83
P411
RX1
INT1
E
General-purpose I/O port
CAN ch.1 reception data input pin
INT1 external interrupt input pin
96
84
P412
TX1
E
General-purpose I/O port
CAN ch.1 transmission data output pin
97
85
P413
RX2
INT2
E
General-purpose I/O port
CAN ch.2 reception data input pin
INT2 external interrupt input pin
98
86
P414
TX2
E
General-purpose I/O port
CAN ch.2 transmission data output pin
99
-
P415
TIOA4
E
General-purpose I/O port
Base timer ch.4 TIOA output pin
100
-
P416
TIOB4
E
General-purpose I/O port
Base timer ch.4 TIOB input pin
101
-
P417
TIOA5
E
General-purpose I/O port
Base timer ch.5 TIOA I/O pin
102
-
P418
TIOB5
E
General-purpose I/O port
Base timer ch.5 TIOB input pin
106
-
P419
SIN2
INT5
E
General-purpose I/O port
Multi-function serial interface ch.2 serial data input pin
INT5 external interrupt input pin
107
-
P420
SOT2
E
General-purpose I/O port
Multi-function serial interface ch.2 serial data output pin
108
-
P131
SCK2
E
General-purpose I/O port
Multi-function serial interface ch.2 clock I/O pin
109
90
P431
ERDS1
E
General-purpose I/O port
Error detection output pin ch.1
110
91
P129
DAOUT1
G
General-purpose I/O port
D/A converter ch.1 analog output pin
111
92
P128
E
General-purpose I/O port
112
93
P127
E
General-purpose I/O port
113
94
P126
E
General-purpose I/O port
119
100
P125
E
General-purpose I/O port
120
101
P124
E
General-purpose I/O port
121
102
P123
E
General-purpose I/O port
122
103
P122
E
General-purpose I/O port
123
104
P121
E
General-purpose I/O port
124
105
P120
E
General-purpose I/O port
125
106
P119
E
General-purpose I/O port
126
107
P118
E
General-purpose I/O port
127
108
P117
E
General-purpose I/O port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com