Electronic Components Datasheet Search
  English  ▼

X  

TAS3103 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3103
Description  Digital Audio Processor With 3D Effects
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3103 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TAS3103 Datasheet HTML 42Page - Texas Instruments TAS3103 Datasheet HTML 43Page - Texas Instruments TAS3103 Datasheet HTML 44Page - Texas Instruments TAS3103 Datasheet HTML 45Page - Texas Instruments TAS3103 Datasheet HTML 46Page - Texas Instruments TAS3103 Datasheet HTML 47Page - Texas Instruments TAS3103 Datasheet HTML 48Page - Texas Instruments TAS3103 Datasheet HTML 49Page - Texas Instruments TAS3103 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 146 page
background image
2−14
2.2
DPLL and Clock Management
Clock management for the TAS3103 consists of two control structures:
•
Master clock management: oversees the selection of the clock frequencies for the microprocessor, the I2C
controller, and the digital audio processor (DAP). The master clock (MCLKI or XTALI) serves as the source
for these clocks. In most applications, the master clock is input to an on-chip digital phase lock loop (DPLL),
and the DPLL output is used to drive the microprocessor and DAP clocks. A DPLL bypass mode can also
be used, in which case the master clock is used to drive the microprocessor and DAP clocks.
•
Serial audio port (SAP) clock management: oversees SAP master/slave mode, the settings of SCLKOUT1
and SCLKOUT2, and the setting of LRCLK in the SAP master mode.
Figure 2−14 illustrates the clock circuitry in the TAS3103. The bold lines in Figure 2−14 highlight the default settings
at power turn on, or after a reset. Inputs MCLKI and XTALI source the master clock for the TAS3103. Within the
TAS3103, these two inputs are combined by an OR gate, and thus only one of these two sources can be active at
any one time. The source that is not active must be set to logic 0. In normal operation, the master clock is divided
by 1, 2, or 4 (as determined by the logic levels set at input pins PLL0 and PLL1) and then multiplied by 11 in frequency
by the on-chip DPLL. The DPLL output (or MCLKI/XTALI if the DPLL is bypassed) is the processing clock used by
the digital audio processor (DAP).
The DAP processing clock can also serve as the clock for the on-chip microprocessor, or the DAP clock can be divided
by four prior to sending it to the microprocessor. The input pin MICROCLK_DIV makes this clock choice. A logic 1
input level on this pin selects the DAP clock for the microprocessor clock; a logic 0 input level on this pin selects the
DAP clock/four for the microprocessor clock.
The selected microprocessor clock is also used to drive the clocks used by the I2C control block. Two parameters,
N and M, define the clocks used by the I2C control block. The I2C control block sampling frequency is set by 1/2N,
where N can range in value from 0 to 7. A 1/(1 + M) divisor followed by a 1/10 divisor generates the data bit clock
(SCL). This drived SCL clock is only used when the I2C control block is set to master mode (input pin I2CM_S = 1).
The default value for the I2C parameter N depends on whether the I2C controller is in a slave mode (I2CM_S = 0)
or a master mode (I2CM_S = 1). In the I2C master mode N = 2 (2N = 4), which assures that a 100-kHz I2C data clock
(SCL) can be generated when the digital audio processor (DAP) is running at its maximum frequency of 135 MHz.
In the I2C slave mode N = 1 (2N = 2), which assures the I2C controller an adequate over-sampling clock when the
DAP is running at the minimum clock frequency required to process 8-kHz audio data (approximately 11.2 MHz). In
I2C master mode, the values for M and N are fixed and cannot be changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com