Electronic Components Datasheet Search
  English  ▼

X  

TAS3103 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3103
Description  Digital Audio Processor With 3D Effects
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3103 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TAS3103 Datasheet HTML 30Page - Texas Instruments TAS3103 Datasheet HTML 31Page - Texas Instruments TAS3103 Datasheet HTML 32Page - Texas Instruments TAS3103 Datasheet HTML 33Page - Texas Instruments TAS3103 Datasheet HTML 34Page - Texas Instruments TAS3103 Datasheet HTML 35Page - Texas Instruments TAS3103 Datasheet HTML 36Page - Texas Instruments TAS3103 Datasheet HTML 37Page - Texas Instruments TAS3103 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 146 page
background image
2−2
76-Bit Adder
Regs
Regs
32 Bits
32 Bits
32 Bits
32 Bits
SDIN1
32 Bits
SDIN2
32 Bits
SDIN3
32 Bits
SDIN4
INPUT SAP
256 Bits
64 Bits
OUTPUT SAP
SDOUT3
SDOUT2
SDOUT1
SCLKIN
OSC
PLL and Clock Management
ORIN
I2C_SDA
GPIO0
Controller
Arithmetic
Engine
Dual Port
Data RAM
Coefficient
RAM
4K x 16
Delay Line
RAM
Program
ROM
DAP
Instruction Decoder/Sequencer
Digital Audio Processor
(DAP)
Arithmetic Unit
MCLKO
PLL1 PLL0
SCLKOUT1
LRCLK
MICROCLK_DIV SCLKOUT2
CS0
CS1
I2C_SCL
GPIO1
GPIO2
GPIO3
Volume
Update
2K x 8
Data
RAM
16K x 8
Program
ROM
256 x 8
Data
RAM
8-Bit
WARP
8051 Microprocessor
1/2N
Reg
1/(M+1)
I2C
Master/Slave
Controller
÷10
Master
SCL
Reg
64 Bits
MCLKI
XTALI
XTALO
M
U
X
÷Y
÷X
M
U
X
÷Z
M
U
X
÷2
÷2
M
U
X
MCLK
PLL
(x11)
M
U
X
÷2
÷2
M
U
X
÷4
M
U
X
I2CM_S
Oversample Clock
Figure 2−1. TAS3103 Detailed Hardware Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com