Electronic Components Datasheet Search
  English  ▼

X  

TAS3103 Datasheet(PDF) 54 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3103
Description  Digital Audio Processor With 3D Effects
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3103 Datasheet(HTML) 54 Page - Texas Instruments

Back Button TAS3103 Datasheet HTML 50Page - Texas Instruments TAS3103 Datasheet HTML 51Page - Texas Instruments TAS3103 Datasheet HTML 52Page - Texas Instruments TAS3103 Datasheet HTML 53Page - Texas Instruments TAS3103 Datasheet HTML 54Page - Texas Instruments TAS3103 Datasheet HTML 55Page - Texas Instruments TAS3103 Datasheet HTML 56Page - Texas Instruments TAS3103 Datasheet HTML 57Page - Texas Instruments TAS3103 Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 146 page
background image
2−22
CAUTION: Audio data into the TAS3103 is always treated as signed data.
S
S
S
S
S
S
47
40
39
32
31
24
23
22
21
20
19
16
15
8
7
0
Overhead/Guard Bits
16-Bit
Audio
18-Bit
Audio
20-Bit
Audio
24-Bit
Audio
Precision/Noise Bits
32-Bit
Audio
Figure 2−18. DAP Arithmetic Unit Data Word Structure
The arithmetic engine is a 48-bit (25.23 format) processor consisting of a general-purpose 76-bit arithmetic logic unit
and function-specific arithmetic blocks. Multiply operations (excluding the function-specific arithmetic blocks) always
involve 48-bit DAP words and 28-bit coefficients (usually I2C programmable coefficients). If a group of products are
to be added together, the 76-bit product of each multiplication is applied to a 76-bit adder, where a DSP-like
multiply-accumulate (MAC) operation takes place. Biquad filter computations use the MAC operation to maintain
precision in the intermediate computational stages.
To maximize the linear range of the 76-bit ALU, saturation logic is not used. Intermediate overflows are then permitted
in multiply-accumulate operations, but it is assumed that subsequent terms in the multiply-accumulate computation
flow corrects the overflow condition. The biquad filter structure used in the TAS3103 is the direct form I structure and
has only one accumulation node. With this type of structure, intermediate overflow is allowed as long as the designer
of the filters has assured that the final output is bounded and does not overflow. Figure 2−19 shows a bounded
computation that experiences intermediate overflow condition. 8-bit arithmetic is used for ease of illustration.
The DAP memory banks include a dual port data RAM for storing intermediate results, a coefficient RAM, a 4K x 16
RAM for implementing the delay stages, and a fixed program ROM. Only the coefficient RAM, assessable via the I2C
bus, is available to the user.
8-Bit ALU Operation
(Without Saturation)
10110111
(−73)
−73
+ 11001101
(−51)
+ −51
10000100
(−124)
−124
+ 11010011
(−45)
+ −45
Rollover
01010111
(57)
−169
+ 00111011
(59)
+
59
10010010
(−110)
−110
Figure 2−19. DAP ALU Operation With Intermediate Overflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com