Electronic Components Datasheet Search
  English  ▼

X  

TAS3103 Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3103
Description  Digital Audio Processor With 3D Effects
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3103 Datasheet(HTML) 57 Page - Texas Instruments

Back Button TAS3103 Datasheet HTML 53Page - Texas Instruments TAS3103 Datasheet HTML 54Page - Texas Instruments TAS3103 Datasheet HTML 55Page - Texas Instruments TAS3103 Datasheet HTML 56Page - Texas Instruments TAS3103 Datasheet HTML 57Page - Texas Instruments TAS3103 Datasheet HTML 58Page - Texas Instruments TAS3103 Datasheet HTML 59Page - Texas Instruments TAS3103 Datasheet HTML 60Page - Texas Instruments TAS3103 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 146 page
background image
2−25
GPIO0
GPIO1
GPIO2
GPIO3
D
Q
D
Q
D
Q
D
Q
Sample
Logic
0xEF
Down
Counter
LD
LRCLK
Decode 0
DATA PATH SWITCH
GPIODIR
3
Determines How Many Consecutive Logic 0 Samples
(Where Each Sample Is Spaced by GPIOFSCOUNT
LRCLKs) are Required to Read a Logic 0 on a
GPIO Input Port
S Slave Addr
Sub-Addr
Ack
00000000
Ack
Ack
21 0
0000
Ack GPIOFSCOUNT Ack GPIO_samp_int Ack
31
24
23 20 19
16
15
8
7
0
Microprocessor
Microprocessor
Firmware
Microprocessor
Control
0xEE
GPIO_in_out
3
S Slave Addr
Sub-Addr
Ack
00000000
Ack
Ack
21 0
Ack
31
24
23
16
0
00000000
15
8
00000000 Ack
74
0000
Ack
3
I2C Slave Mode
and
I2C Master Mode
Write
I2C Master
Mode Read
Figure 2−21. GPIO Port Circuitry
2.8.1
GPIO Functionality—I2C Master Mode
In the I2C master mode, the GPIO ports are strictly input ports and are used to control volume. Table 2−6 lists the
functionality of each GPIO port in the I2C master mode. Bit field GPIOFSCOUNT (15:8) of I2C subaddress 0xEF
governs the rate at which the GPIO pins are sampled for a volume update. The sample rate is:
ƒ
GPIO_Port +
LRCLK
GPIOFSCOUNT
Table 2−6. GPIO Port Functionality—I2C Master Mode
GPIO PORT
FUNCTION
GPIO0 (pin 18)
Volume up—CH1 and CH2
GPIO1 (pin 19)
Volume down—CH1 and CH2
GPIO2 (pin 20)
Volume up—CH3
GPIO3 (pin 21)
Volume down—CH3
GPIOFSCOUNT also governs the rate at which the power down pin PWRDN is sampled and the rate at which the
watchdog counter is reset. GPIOFSCOUNT then cannot be independently used to tune the volume adjustment. For
this reason, bit field GPIO_samp_int of the same I2C subaddress (0xEF) is included to provide the ability to adjust
the responsiveness (or sluggishness) of the volume switches.
Each GPIO port has a weak pullup to VDDS. A volume control switch then typically switches the signal line to the GPIO
port between ground and an open circuit. The parameter GPIO_samp_int sets how many consecutive GPIO port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com