Electronic Components Datasheet Search
  English  ▼

X  

TAS3103 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3103
Description  Digital Audio Processor With 3D Effects
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3103 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TAS3103 Datasheet HTML 13Page - Texas Instruments TAS3103 Datasheet HTML 14Page - Texas Instruments TAS3103 Datasheet HTML 15Page - Texas Instruments TAS3103 Datasheet HTML 16Page - Texas Instruments TAS3103 Datasheet HTML 17Page - Texas Instruments TAS3103 Datasheet HTML 18Page - Texas Instruments TAS3103 Datasheet HTML 19Page - Texas Instruments TAS3103 Datasheet HTML 20Page - Texas Instruments TAS3103 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 146 page
background image
1−9
1.7.1
Terminal-Controlled Modes
1.7.1.1 Clock Control
PLL1
PLL0
DAP CLOCK
0
0
11 x MCLK
0
1
(11 x MCLK)/2
1
0
(11 x MCLK)/4
1
1
MCLK (PLL bypass)
MICROCLK_DIV
MICROPROCESSOR CLOCK
0
DAP clock/4
1
DAP clock
XTALI
MCLKI
Reference
Divider
PLL
PLL0
Digital
Audio Processor
(DAP) Clock
MICROCLK_DIV
MCLK
PLL1
÷ 11
Microprocessor
Clock < 36 MHz
Microprocessor
Scaler
1400 x Fs
3 DAP Clock 3 136 MHz
1.7.1.2 I2C Bus Setup
SLAVE ADDRESS
CS1
CS0
0x68/69
0
0
0x6A/6B
0
1
0x6C/D
1
0
0x6E/6F
1
1
I2CM_S
I2C BUS MODE
0
Slave
1
Master
a6 = 0
a5 = 1
a4 = 1
a3 = 0
a2 = 1
a1=CS1
a0=CS0
R/W
ACK
SDA
SCL
12
3
4
5
6
7
8
9
Start
TAS3103 I2C Slave Address
1.7.1.3 Power-Down/Sleep Selection
PWRDN
POWER STATUS
0
Active
1
Power down/sleep



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com