Electronic Components Datasheet Search
  English  ▼

X  

TAS3103 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3103
Description  Digital Audio Processor With 3D Effects
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3103 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TAS3103 Datasheet HTML 11Page - Texas Instruments TAS3103 Datasheet HTML 12Page - Texas Instruments TAS3103 Datasheet HTML 13Page - Texas Instruments TAS3103 Datasheet HTML 14Page - Texas Instruments TAS3103 Datasheet HTML 15Page - Texas Instruments TAS3103 Datasheet HTML 16Page - Texas Instruments TAS3103 Datasheet HTML 17Page - Texas Instruments TAS3103 Datasheet HTML 18Page - Texas Instruments TAS3103 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 146 page
background image
1−7
TERMINAL
PULLUP/
DOWN(2)
DESCRIPTION
NAME
PULLUP/
DOWN(2)
DESCRIPTION
TYPE(1)
I/O
NO.
PWRDN
2
I
D
PWRDN powers down all logic and stops all clocks whenever logic high is
applied. However, the coefficient memory remains stable through a power
down cycle, as long as a reset is not sent after a power down cycle.
Pulldown
REGULATOR_EN
3
I
D
REGULATOR_EN is only used in factory tests. This pin should always be tied
to ground.
None
RST
26
I
D
RST is the master reset input. Applying a logic low to this pin generates a
master reset. The master reset results in all coefficients being set to their
power-up default state, all data memories being cleared, and all logic signals
being returned to their default values.
Pullup
SCLKIN
1
I
D
SCLKIN is the serial audio port (SAP) input data clock. This clock is only used
when the SAP is a slave. In master mode, SCLKOUT1 internally provides the
serial input clock (SCLKOUT1 from a given TAS3103 must not be connected
to SCLKIN on the same TAS3103 chip).
Pulldown
SCLKOUT1
35
O
D
SCLKOUT1 is one of two serial output bit clocks. It is divided from
MCLKI/XTALI in master mode, and SCLKIN in slave mode. Subaddress
control fields determine the divide ratio in both cases. When the serial audio
port is in a master mode, SCLKOUT1 is used to receive incoming serial data
and should be wired to the data source(s) providing data to the SDIN inputs.
None
SCLKOUT2
36
O
D
SCLKOUT2 is one of two serial output bit clocks. It is divided from
MCLKI/XTALI in master mode, and SCLKIN in slave mode. Subaddress
control fields determine the divide ratio in both cases. SCLKOUT2 is always
used to clock out serial data from the three serial SDOUT output data
channels. SCLKOUT2 is provided separately from SCLKOUT1 to allow
discrete in to TDM out and TDM in to discrete out data format conversions
without the use of external glue logic.
Output
SDIN1
14
I
D
SDIN1, SDIN2, SDIN3, and SDIN4 are the four TAS3103 serial data input
ports. All four input ports support four discrete (stereo) data formats. SDIN1 is
the only data input port that also supports eleven time division multiplexed
data formats. All four ports are capable of receiving data with bit rates up to
24.576 MHz.
Pulldown
SDIN2
15
I
D
SDIN2 is one of the four TAS3103 serial data input ports. SDIN2 supports four
discrete (stereo) data formats, and is capable of receiving data with bit rates
up to 24.576 MHz.
Pulldown
SDIN3
16
I
D
SDIN3 is one of the four TAS3103 serial data input ports. SDIN4 supports four
discrete (stereo) data formats, and is capable of receiving data with bit rates
up to 24.576 MHz.
Pulldown
SDIN4
17
I
D
SDIN4 is one of the four TAS3103 serial data input ports. SDIN4 supports four
discrete (stereo) data formats, and is capable of receiving data with bit rates
up to 24.576 MHz.
Pulldown
SDOUT1
30
O
D
SDOUT1, SDOUT2, and SDOUT3 are the three TAS3103 serial data output
ports. All three output ports support four discrete (stereo) data formats.
SDOUT1 is the only data output port that also supports eleven time division
multiplexed data formats. All three ports are capable of outputting data at bit
rates up to 24.576 MHz.
None
SDOUT2
32
O
D
SDOUT2 is one of the three serial data output ports. SDOUT2 supports four
discrete (stereo) data formats, and is capable of outputting data at bit rates up
to 24.576 MHz.
None
SDOUT3
33
O
D
SDOUT3 is one of the three serial data output ports. SDOUT3 supports four
discrete (stereo) data formats, and is capable of outputting data at bit rates up
to 24.576 MHz.
None
TEST
10
I
D
TEST is only used in factory tests. This pin must be left unconnected or
grounded.
Pulldown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com