Electronic Components Datasheet Search
  English  ▼

X  

TAS3103 Datasheet(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3103
Description  Digital Audio Processor With 3D Effects
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3103 Datasheet(HTML) 62 Page - Texas Instruments

Back Button TAS3103 Datasheet HTML 58Page - Texas Instruments TAS3103 Datasheet HTML 59Page - Texas Instruments TAS3103 Datasheet HTML 60Page - Texas Instruments TAS3103 Datasheet HTML 61Page - Texas Instruments TAS3103 Datasheet HTML 62Page - Texas Instruments TAS3103 Datasheet HTML 63Page - Texas Instruments TAS3103 Datasheet HTML 64Page - Texas Instruments TAS3103 Datasheet HTML 65Page - Texas Instruments TAS3103 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 146 page
background image
3−2
Gain coefficients, entered via the I2C bus, must be entered as 32-bit binary numbers. The format of the 32-bit number
(4-byte or 8-digit hexadecimal number) is shown in Figure 3−3.
u
Coefficient
Digit 8
u
u
u
S
x
x
x
Coefficient
Digit 7
x.
x
x
x
Coefficient
Digit 6
x
x
x
x
Coefficient
Digit 5
x
x
x
x
Coefficient
Digit 4
x
x
x
x
Coefficient
Digit 3
x
x
x
x
Coefficient
Digit 2
x
x
x
x
Coefficient
Digit 1
Fraction
Digit 5
Sign
Bit
0
Fraction
Digit 6
Fraction
Digit 4
Fraction
Digit 3
Fraction
Digit 2
Fraction
Digit 1
Integer
Digit 1
u = unused or don’t care bits
Digit = hexadecimal digit
Figure 3−3. Alignment of 5.23 Coefficient in 32-Bit I2C Word
As Figure 3−3 shows, the hex value of the integer part of the gain coefficient cannot be concatenated with the hex
value of the fractional part of the gain coefficient to form the 32-bit I2C coefficient. The reason is that the 28-bit
coefficient contains 5 bits of integer, and thus the integer part of the coefficient occupies all of one hex digit and the
most significant bit of the second hex digit. In the same way, the fractional part occupies the lower 3 bits of the second
hex digit, and then occupies the other five hex digits (with the eighth digit being the zero-valued most significant hex
digit).
3.1.2
48-Bit 25.23 Number Format
All level adjustment and threshold coefficients are 48-bit coefficients using a 25.23 number format. Numbers
formatted as 25.23 numbers means that there are 25 bits to the left of the decimal point and 23 bits to the right of the
decimal point. This is shown in Figure 3−4.
2−23 Bit
S_xxxx_xxxx_xxxx_xxxx_xxxx_xxxx.xxxx_xxxx_xxxx_xxxx_xxxx_xxx
20 Bit
216 Bit
222 Bit
Sign Bit
223 Bit
2−1 Bit
2−10 Bit
Figure 3−4. 25.23 Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com