Electronic Components Datasheet Search
  English  ▼

X  

TAS3103 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3103
Description  Digital Audio Processor With 3D Effects
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3103 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TAS3103 Datasheet HTML 32Page - Texas Instruments TAS3103 Datasheet HTML 33Page - Texas Instruments TAS3103 Datasheet HTML 34Page - Texas Instruments TAS3103 Datasheet HTML 35Page - Texas Instruments TAS3103 Datasheet HTML 36Page - Texas Instruments TAS3103 Datasheet HTML 37Page - Texas Instruments TAS3103 Datasheet HTML 38Page - Texas Instruments TAS3103 Datasheet HTML 39Page - Texas Instruments TAS3103 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 146 page
background image
2−4
A 16-bit field contained in the 32-bit word located at I2C subaddress 0xF9 configures both the input and output serial
audio ports. Figure 2−4 illustrates the format of this 16-bit field. The data is shown in the transmitted I2C protocol
format, and thus, in addition to the data, the start bit S, the slave address, the subaddress, and the acknowledges
required by every byte are also shown.
0xF9
DWFMT (Data Word Format)
Ack
IOM
Ack
OW[2:0]
15
IW[2:0]
0
AB
14
13
11 10
8
7
DWFMT
8
15
Ack
xxxxxxxx
Ack
Sub-Addr
Ack
Slave Addr
S
24
31
OM[3:0]
IM[3:0]
74
3
0
xxxxxxxx
Ack
16
23
Output
Port
Format
Input
Port
Format
Output Port
TDM Alignment
Input Port
Word
Size
Output Port
Word
Size
Figure 2−4. SAP Configuration Subaddress Fields
Commands to reconfigure the SAP cannot be issued as standalone commands, but must accompany mute and
unmute commands. The reason for this is that an SAP configuration change while a volume or bass or treble update
is taking place can cause the update to not properly be completed. Figure 2−5 shows the recommended procedure
for issuing SAP configuration update commands.
After a reset, ensure that 0xF9 is written before volume, treble, or bass.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com