Electronic Components Datasheet Search
  English  ▼

X  

PC87416 Datasheet(PDF) 217 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87416
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87416 Datasheet(HTML) 217 Page - National Semiconductor (TI)

Back Button PC87416 Datasheet HTML 213Page - National Semiconductor (TI) PC87416 Datasheet HTML 214Page - National Semiconductor (TI) PC87416 Datasheet HTML 215Page - National Semiconductor (TI) PC87416 Datasheet HTML 216Page - National Semiconductor (TI) PC87416 Datasheet HTML 217Page - National Semiconductor (TI) PC87416 Datasheet HTML 218Page - National Semiconductor (TI) PC87416 Datasheet HTML 219Page - National Semiconductor (TI) PC87416 Datasheet HTML 220Page - National Semiconductor (TI) PC87416 Datasheet HTML 221Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 257 page
background image
9.0 System Wake-Up Control (SWC) (Continued)
Revision 1.2
217
www.national.com
Table 52. Bank 0 - Keyboard/Mouse Wake-Up Detector Register Map
Register
Bits
Offset
Mnemonic
7
6
5
4
3
2
1
0
10h-
11h
Reserved
12h
KBDWKCTL KBDMODE
Reserved
EVT3CFG
EVT2CFG
EVT1CFG
13h
PS2CTL
DISPAR
MSEVCFG
KBEVCFG
14h-
15h
Reserved
16h
KDSR
Keyboard Data
17h
MDSR
Reserved
Mouse Data
18h
PS2KEY0
Data Byte of Key
19h
PS2KEY1
Data Byte of Key
1Ah
PS2KEY2
Data Byte of Key
1Bh
PS2KEY3
Data Byte of Key
1Ch
PS2KEY4
Data Byte of Key
1Dh
PS2KEY5
Data Byte of Key
1Eh
PS2KEY6
Data Byte of Key
1Fh
PS2KEY7
Data Byte of Key
Table 53. Bank 1 - Power Active Timers Register Map
Register
Bits
Offset
Mnemonic
7
6
5
4
3
2
1
0
10h
VDD_ON_
TMR_0
VDD Timer Data Bits 0-7
11h
VDD_ON_
TMR_1
VDD Timer Data Bits 8-15
12h
VDD_ON_
TMR_2
VDD Timer Data Bits 16-23
13h
VDD_ON_
TMR_3
VDD Timer Data Bits 24-31
14h
VSB_ON_
TMR_0
VSB Timer Data Bits 0-7
15h
VSB_ON_
TMR_1
VSB Timer Data Bits 8-15
16h
VSB_ON_
TMR_2
VSB Timer Data Bits 16-23
17h
VSB_ON_
TMR_3
VSB Timer Data Bits 24-31
18h
PWTMRCTL
LOCK
_TMRRST
Reserved
VSB_TMR
_RST
Reserved
VDD_TMR
_RST
19h-
1Fh
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com