Electronic Components Datasheet Search
  English  ▼

X  

PC87416 Datasheet(PDF) 220 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87416
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87416 Datasheet(HTML) 220 Page - National Semiconductor (TI)

Back Button PC87416 Datasheet HTML 216Page - National Semiconductor (TI) PC87416 Datasheet HTML 217Page - National Semiconductor (TI) PC87416 Datasheet HTML 218Page - National Semiconductor (TI) PC87416 Datasheet HTML 219Page - National Semiconductor (TI) PC87416 Datasheet HTML 220Page - National Semiconductor (TI) PC87416 Datasheet HTML 221Page - National Semiconductor (TI) PC87416 Datasheet HTML 222Page - National Semiconductor (TI) PC87416 Datasheet HTML 223Page - National Semiconductor (TI) PC87416 Datasheet HTML 224Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 257 page
background image
www.national.com
220
Revision 1.2
10.0 Legacy Functional Blocks
This chapter briefly describes the following blocks, which provide legacy device functions:
q
Floppy Disk Controller (FDC).
q
Parallel Port (PP).
q
Serial Ports 1 and 2 (SP1 and SP2).
q
Keyboard and Mouse Controller (KBC).
The description of each Legacy block includes the sections listed below. For details on the general implementation of each
legacy block, see the SuperI/O Legacy Functional Blocks datasheet.
q
General Description.
q
Register Map table(s).
q
Bitmap table(s).
The register maps in this chapter use the following abbreviations for Type:
q
R/W
= Read/Write.
q
R
= Read from a specific register (write to the same address is to a different register).
q
W
= Write (see above).
q
RO
= Read Only.
q
WO
= Write Only. Reading from the bit returns 0.
q
R/W1C = Read/Write 1 to Clear. Writing 1 to a bit clears it to 0. Writing 0 has no effect.
q
R/W1S = Read/Write 1 to Set. Writing 1 to a bit sets its value to 1. Writing 0 has no effect.
10.1 FLOPPY DISK CONTROLLER (FDC)
10.1.1
General Description
The generic FDC is a standard FDC with a digital data separator and is DP8473 and N82077 software compatible. The PC8741x
FDC supports 14 of the 17 standard FDC signals described in the generic Floppy Disk Controller (FDC) chapter, including:
• FM and MFM modes are supported. To select either mode, set bit 6 of the first command byte when writing to/reading
from a diskette, where:
— 0 = FM mode
— 1 = MFM mode
• A logic 1 is returned during LPC I/O read cycles by all register bits, reflecting the state of floating (TRI-STATE) FDC pins.
Exceptions to standard FDC are:
• Automatic media sense using the MSEN1 signal is not supported.
• DRATE1 is not supported.
Table 59 lists the FDC functional block registers. All registers are VDD powered.
Table 59. FDC Registers
Offset1
Mnemonic
Register Name
Type
00h
SRA
Status A
RO
01h
SRB
Status B
RO
02h
DOR
Digital Output
R/W
03h
TDR
Tape Drive
R/W
04h
MSR
Main Status
R
DSR
Data Rate Select
W
05h
FIFO
Data (FIFO)
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com