Electronic Components Datasheet Search
  English  ▼

X  

PC87416 Datasheet(PDF) 218 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87416
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87416 Datasheet(HTML) 218 Page - National Semiconductor (TI)

Back Button PC87416 Datasheet HTML 214Page - National Semiconductor (TI) PC87416 Datasheet HTML 215Page - National Semiconductor (TI) PC87416 Datasheet HTML 216Page - National Semiconductor (TI) PC87416 Datasheet HTML 217Page - National Semiconductor (TI) PC87416 Datasheet HTML 218Page - National Semiconductor (TI) PC87416 Datasheet HTML 219Page - National Semiconductor (TI) PC87416 Datasheet HTML 220Page - National Semiconductor (TI) PC87416 Datasheet HTML 221Page - National Semiconductor (TI) PC87416 Datasheet HTML 222Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 257 page
background image
9.0 System Wake-Up Control (SWC) (Continued)
www.national.com
218
Revision1.2
Table 54. Bank 2 - Sleep States and ACPI Configuration Register Map
Register
Bits
Offset
Mnemonic
7
6
5
4
3
2
1
0
10h
S0_SLP_TYP
Reserved
SLP_TYP_ENC
11h
S1_SLP_TYP
Reserved
SLP_TYP_ENC
12h
S2_SLP_TYP
Reserved
SLP_TYP_ENC
13h
S3_SLP_TYP
Reserved
SLP_TYP_ENC
14h
S4_SLP_TYP
Reserved
SLP_TYP_ENC
15h
S5_SLP_TYP
Reserved
SLP_TYP_ENC
16h
SLP_ST_CFG
LOCK_
SLP_ENC
Reserved
EXT_ST
_SELECT
S3I
_VDD_ON
S4
_SELECT
17h
ACPI_CFG
PWBTOUT
_MODE
Reserved
RTC_EV
_DIS
SLPBTN
_EV_DIS
PWRBTN
_EV_DIS
18h-
1Fh
Reserved
Table 55. Bank 3 - Watchdog Register Map
Register
Bits
Offset
Mnemonic
7
6
5
4
3
2
1
0
10h
WDCTL
SW_WD
_TRG
Reserved
WDEN
11h
WDTO
Watchdog Time-Out Data
12h
WDCFG
SW_WD
_TREN
Reserved
SER2_IRQ
_TREN
SER1_IRQ
_TREN
MS_IRQ
_TREN
KBD_IRQ
_TREN
13h-
1Fh
Reserved
Table 56. ACPI Register Map with Base Address at Index 62h, 63h
Register
Bits
Offset
Mnemonic
7
6
5
4
3
2
1
0
00h
PM1b_STS
_LOW
Reserved
GBL_STS
BM_STS
Reserved
TMR_STS
01h
PM1b_STS
_HIGH
WAK_STS
Reserved
Ignored
RTC_STS
SLPBTN
_STS
PWRBTN
_STS
02h
PM1b_EN_
LOW
Reserved
GBL_EN
Reserved
TMR_EN
03h
PM1b_EN_
HIGH
Reserved
RTC_EN
SLPBTN
_EN
PWRBTN
_EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com