| Electronic Components Datasheet Search |
|
PC87416 Datasheet(PDF) 102 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
PC87416 Datasheet(HTML) 102 Page - National Semiconductor (TI) |
|
102 / 257 page ![]() 5.0 X-Bus Extension (Continued) www.national.com 102 Revision1.2 Figure 23. Standard Latched Address Mode - X-Bus Read Access Cycle Standard Write Transactions. When a write cycle on the LPC falls within any of the enabled decoded address ranges of the X-Bus functional block (or an indirect write is started or an X-Bus write through the ACCESS.bus is started), a write cycle begins. A write cycle starts by outputting the lower 12 address signals on address signals XA11-0 and address lines 27-20 on data signals XD7-0 on the rising edge of the clock. Two CLK cycles later, a strobe signal (XSTB2) is asserted to latch the address in an external latch. Two CLK cycles after that, a second set of address lines (19-12) is placed on data pins XD7-0. These can be latched by the strobe signal XSTB1 asserted two cycles later on the rising edge of the clock. Two CLK cycles later, the last group of address lines (11-4) is output on the data signals XD7-0. The XSTB0, asserted two CLK cycles later on the rising edge of the clock, can be used to latch this part of the address. Two CLK cycles later on the rising edge of the clock, the PC8741x outputs the data signals on data pins XD7-0. At this point, all the addresses are available either at the address outputs of the PC8741x (XA11-0) or at the outputs of the three latches. The system may require only part of these addresses, depending on the size of the memory or peripheral address space. One CLK cycle later, either a chip-select sig- nal XCSn or the enable signal XRD_XEN is asserted, based on the XCSn mode setting (where n is a chip-select number from 0 to 3, based on the address accessed and the select signal mapping). From this point, the write continues as described for the Normal Address mode. XSTB2-0 are de-asserted one CLK cycle after the de-assertion of XCSn. At this time, the latched address becomes invalid. CLK (Internal; for XD7-0 XA27-0 XA11-0 XCSn XWR_XRW (After Latching) [27-20] A [19-12] A XRD_XEN XRDY XSTB2 XSTB1 [11-4] A XSTB0 (Availability on Device Pins Depends on Multiplexing) Transaction Continues as for Non-Latched Address Mode 0 and Mode 1 Read for mode 0 Starting point for mode 1 Starting point Reference Only) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |