Electronic Components Datasheet Search
  English  ▼

X  

PC87416 Datasheet(PDF) 103 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87416
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87416 Datasheet(HTML) 103 Page - National Semiconductor (TI)

Back Button PC87416 Datasheet HTML 99Page - National Semiconductor (TI) PC87416 Datasheet HTML 100Page - National Semiconductor (TI) PC87416 Datasheet HTML 101Page - National Semiconductor (TI) PC87416 Datasheet HTML 102Page - National Semiconductor (TI) PC87416 Datasheet HTML 103Page - National Semiconductor (TI) PC87416 Datasheet HTML 104Page - National Semiconductor (TI) PC87416 Datasheet HTML 105Page - National Semiconductor (TI) PC87416 Datasheet HTML 106Page - National Semiconductor (TI) PC87416 Datasheet HTML 107Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 257 page
background image
5.0 X-Bus Extension (Continued)
Revision 1.2
103
www.national.com
Figure 24. Standard Latched Address Mode - X-Bus Write Access Cycle
Turbo Read Transactions. A Turbo read cycle starts by outputting the lower 12 address signals on address signals XA11-0
and by outputting address lines 27-20 on data signals XD7-0 on the rising edge of the clock. One CLK cycle later, a strobe
signal (XSTB2) is asserted to latch the address in an external latch. One CLK cycle after that, a second set of address lines
(19-12) is placed on data pins XD7-0. These can be latched by the strobe signal XSTB1, asserted one cycle later on the
rising edge of the clock. One CLK cycle later, the last group of address lines (11-4) is placed on data signals XD7-0. The
XSTB0, asserted one cycle later on the rising edge of the clock, can be used to latch this part of the address. One CLK cycle
later on the rising edge of the clock, the PC8741x stops driving the data bus. At this point, all addresses are available either
at the address outputs of the PC8741x (XA11-0) or in the three latches. The system may require only part of these address-
es, depending on the size of the memory or peripheral address space. One CLK cycle later, the chip-select signal XCSn is
asserted, based on the XCSn Turbo mode setting. From this point, the read continues as described for the Normal Address
Turbo transaction, Mode 0. XSTB2-0 are de-asserted one CLK cycle after the de-assertion of XCSn. At this time, the latched
address becomes invalid. At the same time, the address signals XA11-0 are driven to low level.
CLK
(Internal; for
XD7-0
XA27-0
XA11-0
XCSn
XWR_XRW
(After Latching)
[27-20]
A
[19-12]
A
XRD_XEN
XRDY
XSTB2
XSTB1
[11-4]
A
XSTB0
(Availability on Device Pins
Depends on Multiplexing)
Transaction Continues as for Non-Latched Address Mode 0 and Mode 1 Write
for mode 0
Starting point
for mode 1
Starting point
[7-0]
D
Reference Only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com