Electronic Components Datasheet Search
  English  ▼

X  

PC87416 Datasheet(PDF) 106 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87416
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87416 Datasheet(HTML) 106 Page - National Semiconductor (TI)

Back Button PC87416 Datasheet HTML 102Page - National Semiconductor (TI) PC87416 Datasheet HTML 103Page - National Semiconductor (TI) PC87416 Datasheet HTML 104Page - National Semiconductor (TI) PC87416 Datasheet HTML 105Page - National Semiconductor (TI) PC87416 Datasheet HTML 106Page - National Semiconductor (TI) PC87416 Datasheet HTML 107Page - National Semiconductor (TI) PC87416 Datasheet HTML 108Page - National Semiconductor (TI) PC87416 Datasheet HTML 109Page - National Semiconductor (TI) PC87416 Datasheet HTML 110Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 257 page
background image
5.0 X-Bus Extension (Continued)
www.national.com
106
Revision1.2
Table 31. Protected Block Size
A read/write transaction to/from a protected block is not allowed to take place if, for the respective block number, the
HWRP/HRDP bit is set in the HAP0 or HAP1 register (see Section 5.4.11 on page 114). This includes both memory and I/O
transactions.
To prevent bypassing the protection by selecting additional non-BIOS zones to XCS0 or XCS1, the upper lines of the
address are not used for block selection. This results in the aliasing of a protected block in each area of X-Bus memory space
that has the same size as the BIOS Zone (see Figure 27).
The SMI interrupt generated on access to XCS0 and XCS1 may be used to allow flash updates under System Management
protection.
BIOS Zone Size
BIOSIZE2-BIOSIZE0
Protected Block Size
Address Lines Used for
Block Selection1,2
1. Selects the block according to the HAPINDX3-HAPINDX0 setting in the HAP0-HAP1 registers.
2. All the other address lines are ignored.
256 Kbyte
000
16 Kbyte
XA17-XA14
512 Kbyte
001
32 Kbyte
XA18-XA15
1 Mbyte
010
64 Kbyte
XA19-XA16
2 Mbyte
011
128 Kbyte
XA20-XA17
4 Mbyte
100
256 Kbyte
XA21-XA18
8 Mbyte
101
512 Kbyte
XA22-XA19
16 Mbyte
110
1 Mbyte
XA23-XA20
Figure 27. Protected Block Aliasing
X-Bus Memory Space
000 0000h
FFF FFFFh
BIOS Zone Size
Protected Block n
Protected Block n
BIOS Zone Size
Protected Block n
BIOS Zone Size
Protected Block n
BIOS Zone Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com