Electronic Components Datasheet Search
  English  ▼

X  

DP83266 Datasheet(PDF) 35 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 35 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 31Page - National Semiconductor (TI) DP83266 Datasheet HTML 32Page - National Semiconductor (TI) DP83266 Datasheet HTML 33Page - National Semiconductor (TI) DP83266 Datasheet HTML 34Page - National Semiconductor (TI) DP83266 Datasheet HTML 35Page - National Semiconductor (TI) DP83266 Datasheet HTML 36Page - National Semiconductor (TI) DP83266 Datasheet HTML 37Page - National Semiconductor (TI) DP83266 Datasheet HTML 38Page - National Semiconductor (TI) DP83266 Datasheet HTML 39Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 152 page
background image
60 Functional Description (Service Engine) (Continued)
Master States
The Ti state exists when no bus activity is required The BIU
does not drive any of the bus signals when it is in this state
(all are released) If the BIU requires bus service it may
assert Bus Request
When a transaction occurs the BIU enters Tbr asserts Bus
Request and then waits for Bus Grant to be asserted
The state following Tbr is either Tva or Tpa In Virtual Ad-
dress Mode the BIU enters Tva and drives the virtual ad-
dress and size lines onto the bus In Physical Address
Mode Tpa occurs next (see Section 643)
Following a Tva state is a Tmmu state During this cycle the
external MMU is performing a translation of the virtual ad-
dress emitted during Tva
Following a Tmmu state (when using virtual addressing) or a
Tbr state (when using physical addressing) is the Tpa state
During the Tpa state the MACSI device drives the read
write strobes and size signals In physical address mode it
also drives AB
AD with address In virtual address mode
the MACSI device TRI-STATEs AB
BD so the host CPU or
MMU can drive the address
Following the Tpa state the BIU enters the Td state to
transfer data words Each data transfer may be extended
indefinitely by inserting Tw states A slave acknowledges by
asserting AB
ACK and transferring data in a Td state (cy-
cle) If the slave can drive data at the rate of one word per
clock (in a burst) it keeps AB
ACK asserted
Following the final TdTw state the BIU enters a Tr state to
allow time to turn off or turn around bus transceivers
A bus retry request is recognized in any TdTw state The
BIU will go to a Tr state and then rerun the transaction when
it obtains a new Bus Grant The whole transaction is retried
ie all words of a burst Additionally no other transaction
will be attempted before the interrupted one is retried The
BIU retries indefinitely until either the transaction completes
successfully or a bus error is signaled
Bus errors are recognized in TdTw states
643 Physical Addressing Bus Transactions
Bus transactions in Physical Address Mode are shown in
Figure 6-4 through Figure 6-7 MACSI device signals are
defined in Section 8
TLF11705 – 9
FIGURE 6-4 ABus Single Read Physical Addressing0 ws 1 ws
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com