Electronic Components Datasheet Search
  English  ▼

X  

DP83266 Datasheet(PDF) 125 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 125 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 121Page - National Semiconductor (TI) DP83266 Datasheet HTML 122Page - National Semiconductor (TI) DP83266 Datasheet HTML 123Page - National Semiconductor (TI) DP83266 Datasheet HTML 124Page - National Semiconductor (TI) DP83266 Datasheet HTML 125Page - National Semiconductor (TI) DP83266 Datasheet HTML 126Page - National Semiconductor (TI) DP83266 Datasheet HTML 127Page - National Semiconductor (TI) DP83266 Datasheet HTML 128Page - National Semiconductor (TI) DP83266 Datasheet HTML 129Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 152 page
background image
70 Control Information (Continued)
Output Data Unit Descriptor (ODUD)
An Output Data Unit Descriptor (ODUD) contains the part byte address and size of an Output Data Unit During Request
operations ODUDs are fetched by the MACSI device from a list in memory using the address in the ODUD List Pointer Register
(in the Pointer RAM)
ODUDFirsts and ODUDMiddles may have a zero byte count which is useful for fixed protocol stacks One layer may be called
and if it has no data to add to the frame it may add an ODUD with a zero byte count to the list ODUDOnlys and ODUDLasts
may not have a zero byte count
The MACSI device checks for the following inconsistencies when an ODUD is loaded from memory
1 ODUDFirst when previous ODUD was not an ODUDLast or ODUDOnly
2 ODUD which is not an ODUDFirst when the previous ODUD was ODUDLast or ODUDOnly
3 ODUDLast or ODUDOnly with a zero byte count
When an inconsistency is detected the MACSI device aborts the Request and reports the exception in the Request Status field
of the CNF Descriptor
The entire ODUD object must contain at least 4 bytes (for short addresses)
31
30
29
28
27
13
12
0
RES
CNT
Word 0
F-L
RES
LOC
Word 1
Bit
Symbol
Description
Word 0
D12 – D0
CNT
Byte Count
Number of bytes in the ODU For an ODUDFirst or ODUDMiddle the size may be Zero
which is useful for fixed protocol stacks
D31 – D13
RES
Reserved
Word 1
D27 – D0
LOC
Location
Pointer to the first byte of the corresponding ODU
D29 – D28
RES
Reserved
D31 – D30
F-L
FirstLast Tag
Identifies the Output Data Unit part ie Only First Middle or Last FL e 10 e First
FL e 00 e Middle FL e 01 e Last FL e 11-Only
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com