Electronic Components Datasheet Search
  English  ▼

X  

ADF7020BCP Datasheet(PDF) 5 Page - Analog Devices

Part # ADF7020BCP
Description  High Performance ISM Band FSK/ASK Transceiver IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7020BCP Datasheet(HTML) 5 Page - Analog Devices

  ADF7020BCP Datasheet HTML 1Page - Analog Devices ADF7020BCP Datasheet HTML 2Page - Analog Devices ADF7020BCP Datasheet HTML 3Page - Analog Devices ADF7020BCP Datasheet HTML 4Page - Analog Devices ADF7020BCP Datasheet HTML 5Page - Analog Devices ADF7020BCP Datasheet HTML 6Page - Analog Devices ADF7020BCP Datasheet HTML 7Page - Analog Devices ADF7020BCP Datasheet HTML 8Page - Analog Devices ADF7020BCP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
Preliminary Technical Data
ADF7020
Rev. PrH | Page 5 of 40
Parameter
Min
Typ
Max
Unit
Test Conditions
High Sensitivity Mode
−110.5
dBm
DR = 9.6 kbps, FDEV = 10 kHz
Low Current Mode
−104
dBm
DR = 9.6 kbps, FDEV = 10 kHz
High Sensitivity Mode
−99
dBm
DR = 200 kbps, FDEV = 50 kHz
Low Current Mode
−TBD
dBm
DR = 200 kbps, FDEV = 50 kHz
OOK Input Sensitivity
At BER = 1E − 3, FRF = 915 MHz
High Sensitivity Mode
−TBD
dBm
DR = 1 kbps
Low Current Mode
−TBD
dBm
DR = 1 kbps
High Sensitivity Mode
−106.5
dBm
DR = 9.6 kbps
Low Current Mode
−TBD
dBm
DR = 9.6 kbps
LNA and Mixer
Input IP37
Enhanced Linearity Mode
6.8
dBm
Pin = −20 dBm, 2 CW interferers
Low Current Mode
−3.2
dBm
FRF = 915 MHz, f1 = FRF + 3 MHz
High Sensitivity Mode
−35
dBm
F2 = FRF + 6 MHz, maximum gain
Rx Spurious Emissions8
−57
dBm
<1 GHz at antenna input
−47
dBm
>1 GHz at antenna input
AFC
Pull-In Range
±50
kHz
IF_BW = 200 kHz
Response time
TBD
Bits
Accuracy
1
TBD
kHz
Channel Filtering
Adjacent Channel Rejection
(Offset = ±1 × IF Filter BW Setting)
27
dB
Second Adjacent Channel Rejection
(Offset = ±2 × IF Filter BW Setting)
50
dB
Third Adjacent Channel Rejection
(Offset = ±3 × IF Filter BW Setting)
TBD
dB
IF filter BW settings = 100 kHz, 150 kHz,
200 kHz
Desired signal 3 dB above the input
sensitivity level, CW interferer power
level increased until BER = 10−3, image
channel excluded
Image Channel Rejection
30
dB
Uncalibrated
(Image Channel = FRF − 400 kHz)
TBD
dB
Calibrated9
Co-channel Rejection
−3
dB
Wide-Band Interference Rejection
TBD
dB
Swept from 100 MHz to 2 GHz, measured
as channel rejection
Saturation (Maximum Input Level)
12
dBm
FSK mode, BER = 10−3
Input Impedance
TBD
Ω
FRF = 915 MHz, RFIN, RFIN to GND
TBD
Ω
FRF = 868 MHz
TBD
Ω
FRF = 433 MHz
RSSI
Range at Input
−100 to −36
dBm
Linearity
±3
dB
Absolute Accuracy
TBD
dB
Response Time
350
µs
Maximum input step change, AGC
included, RSSI ready for readback
PHASE LOCKED LOOP
VCO Gain
65
MHz/V
902 MHz to 928 MHz band.,
VCO adjust = 0
130
MHz/V
860MHz to 870 MHz band,
VCO Adjust = 0
TBD
MHz/V
At 433MHz, VCO Adjust = 0
Phase Noise (In-Band)
−92
dBc/Hz
PA = 0 dBm, VDD = 3.0 V, PFD = 10 MHz,
FRF = 915 MHz, VCO BIAS = 4
Phase Noise (Out-of-Band)
−110
dBc/Hz
At 1 MHz offset
Residual FM
TBD
Hz
From 300 Hz to 5 kHz
See notes at end of table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com