Electronic Components Datasheet Search
  English  ▼

X  

ADF7020BCP Datasheet(PDF) 32 Page - Analog Devices

Part # ADF7020BCP
Description  High Performance ISM Band FSK/ASK Transceiver IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7020BCP Datasheet(HTML) 32 Page - Analog Devices

Back Button ADF7020BCP Datasheet HTML 28Page - Analog Devices ADF7020BCP Datasheet HTML 29Page - Analog Devices ADF7020BCP Datasheet HTML 30Page - Analog Devices ADF7020BCP Datasheet HTML 31Page - Analog Devices ADF7020BCP Datasheet HTML 32Page - Analog Devices ADF7020BCP Datasheet HTML 33Page - Analog Devices ADF7020BCP Datasheet HTML 34Page - Analog Devices ADF7020BCP Datasheet HTML 35Page - Analog Devices ADF7020BCP Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
ADF7020
Preliminary Technical Data
Rev. PrH | Page 32 of 40
REGISTER 5—SYNC BYTE REGISTER
PL2
0
0
1
1
PL1
0
1
0
1
SYNC BYTE
LENGTH
12 BITS
16 BITS
20 BITS
24 BITS
MT2
0
0
1
1
MT1
0
1
0
1
MATCHING
TOLERANCE
0 ERRORS
1 ERROR
2 ERRORS
3 ERRORS
SYNC BYTE SEQUENCE
CONTROL
BITS
Figure 33.
Notes:
1.
Sync byte detect is enabled by programming Bits R4_DB(25:23) to [010] or [011].
2.
This register allows a 28-bit sync byte sequence to be stored internally. If the sync byte detect mode is selected, then the INT/LOCK pin goes high when the sync
byte has been detected in Rx mode. Once the sync word detect signal has gone high, it goes low again after nine data bits.
3.
The transmitter must Tx the MSB of the sync byte first and the LSB last to ensure proper alignment in the receiver sync byte detection hardware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com