Electronic Components Datasheet Search
  English  ▼

X  

ADF7020BCP Datasheet(PDF) 17 Page - Analog Devices

Part # ADF7020BCP
Description  High Performance ISM Band FSK/ASK Transceiver IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7020BCP Datasheet(HTML) 17 Page - Analog Devices

Back Button ADF7020BCP Datasheet HTML 13Page - Analog Devices ADF7020BCP Datasheet HTML 14Page - Analog Devices ADF7020BCP Datasheet HTML 15Page - Analog Devices ADF7020BCP Datasheet HTML 16Page - Analog Devices ADF7020BCP Datasheet HTML 17Page - Analog Devices ADF7020BCP Datasheet HTML 18Page - Analog Devices ADF7020BCP Datasheet HTML 19Page - Analog Devices ADF7020BCP Datasheet HTML 20Page - Analog Devices ADF7020BCP Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
Preliminary Technical Data
ADF7020
Rev. PrH | Page 17 of 40
RSSI/AGC SECTION
The RSSI is implemented as a successive compression log amp
following the base-band channel filtering. The log amp achieves
±3 dB log linearity. It also doubles as a limiter to convert the
signal-to-digital levels for the FSK demodulator. The RSSI itself
is used for amplitude shift keying (ASK) demodulation. In ASK
mode, extra digital filtering is performed on the RSSI value.
Offset correction is achieved using a switched capacitor integra-
tor in feedback around the log amp. This uses the BB offset
clock divide. The RSSI level is converted for user readback and
digitally controlled AGC by an 80-level (7-bit) flash ADC. This
level can be converted to input power in dBm.
1
IFWR
IFWR
IFWR
IFWR
LATCH
AAA
R
CLK
ADC
OFFSET
CORRECTION
RSSI
ASK
DEMOD
FSK
DEMOD
Figure 15. RSSI Block Diagram
RSSI Thresholds
When the RSSI is above AGC_HIGH_THRESHOLD, the gain is
reduced. When the RSSI is below AGC_LOW_THRESHOLD,
the gain is increased. A delay (AGC_DELAY) is programmed to
allow for settling of the loop. The user programs the two
threshold values (recommended defaults, 27 and 76) and the
delay (default, 10). The default AGC setup values should be
adequate for most applications. The threshold values must be
chosen to be more than 30 apart for the AGC to operate
correctly.
Offset Correction Clock
In Register 3, the user should set the BB offset clock divide bits
R3_DB(4:5) to give an offset clock between 1 MHz and 2 MHz,
where:
BBOS _CLK [Hz] = XTAL/(BBOS_CLK_DIVIDE)
BBOS_CLK_DIVIDE can be set to 4, 8, or 16.
AGC Information
In Register 9, the user should select automatic gain control by
selecting auto in R9_DB18 and auto in R9_DB19. The user
should then program AGC low threshold R9_DB(4:10) and
AGC high threshold R9_DB(11:17). The recommended/default
values for the low and high thresholds are 30 and 70, respec-
tively. In the AGC2 register the user should program the AGC
delay to be long enough to allow the loop to settle. The
recommended value is 10.
RSSI Formula (Converting to dBm)
Input_Power [dBm] = −110 dBm + (Readback_Code +
Gain_Mode_Correction ) × 0.5
where:
Readback_Code is given by Bits RV7 to RV1 in the readback
register (see Readback Format section).
Gain_Mode_Correction is given by the values in Table 6.
LNA gain and filter gain (LG2/LG1, FG2/FG1) are also obtained
from the readback register.
Table 6. Gain Mode Correction Table
LNA Gain
(LG2, LG1)
Filter Gain
(FG2, FG1)
Gain Mode Correction
H (10)
H (10)
0
M (01)
H (10)
11
M (01)
M (01)
19 + 11 = 30
M (01)
L (00)
19 + 19 + 11 = 49
L (00)
L (00)
19 + 19 + 19 + 11 = 68
An additional factor should be introduced to account for losses
in the front-end matching network/antenna.
FSK DEMODULATORS ON THE ADF7020
The two FSK demodulators on the ADF7020 are
•
FSK correlator/demodulator
•
Linear demodulator
Select these using the demod select bits, R4_DB(4:5).
FSK CORRELATOR/DEMODULATOR
The quadrature outputs of the IF filter are first limited and then
fed to a pair of digital frequency correlators that perform band-
pass filtering of the binary FSK frequencies at (IF + FDEV) and
(IF − FDEV). Data is recovered by comparing the output levels
from each of the two correlators. The performance of this
frequency discriminator approximates that of a matched filter
detector, which is known to provide optimum detection in the
presence of AWGN.
IF – FDEV
IF + FDEV
I
IF
Q
LIMITERS
0
DB(4:13)
DB(8:15)
DB(14)
Rx DATA
Rx CLK
SLICER
FREQUENCY CORRELATOR
Figure 16. FSK Correlator/Demodulator Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com