Electronic Components Datasheet Search
  English  ▼

X  

ADF7020BCP Datasheet(PDF) 9 Page - Analog Devices

Part # ADF7020BCP
Description  High Performance ISM Band FSK/ASK Transceiver IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7020BCP Datasheet(HTML) 9 Page - Analog Devices

Back Button ADF7020BCP Datasheet HTML 5Page - Analog Devices ADF7020BCP Datasheet HTML 6Page - Analog Devices ADF7020BCP Datasheet HTML 7Page - Analog Devices ADF7020BCP Datasheet HTML 8Page - Analog Devices ADF7020BCP Datasheet HTML 9Page - Analog Devices ADF7020BCP Datasheet HTML 10Page - Analog Devices ADF7020BCP Datasheet HTML 11Page - Analog Devices ADF7020BCP Datasheet HTML 12Page - Analog Devices ADF7020BCP Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
Preliminary Technical Data
ADF7020
Rev. PrH | Page 9 of 40
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
36
35
34
33
32
31
30
29
28
27
26
25
ADF7020
TOP VIEW
(Not to Scale)
VCOIN
VREG1
VDD1
RFOUT
RFGND
RFIN
RFINB
RLNA
VDD4
RSET
VREG4
GND4
CLKOUT
DATA CLK
DATA I/O
INT/LOCK
VDD2
VREG2
ADCIN
GND2
SCLK
SREAD
SDATA
SLE
1
2
3
4
5
6
7
8
9
10
11
12
PIN 1
INDICATOR
Figure 4. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Function
1
VCOIN
The tuning voltage on this pin determines the output frequency of the voltage controlled oscillator (VCO).
The higher the tuning voltage, the higher the output frequency.
2
VREG1
Regulator Voltage for PA Block. A 100 nF capacitor should be placed between this pin and ground for
regulator stability and noise rejection.
3
VDD1
Voltage Supply for PA Block. Decoupling capacitors (X7R or Tantalum) of 0.1 µF and 0.01 µF should be placed
as close as possible to this pin.
4
RFOUT
The modulated signal is available at this pin. Output power levels are from −20 dBm to +13 dBm. The output
should be impedance matched to the desired load using suitable components. See the Transmitter section.
5
RFGND
Ground for Output Stage of Transmitter.
6
RFIN
LNA Input for Receiver Section. Input matching is required between the antenna and the differential LNA
input to ensure maximum power transfer. See the LNA/PA Matching section.
7
RFINB
Complementary LNA Input. See the LNA/PA Matching section.
8
RLNA
External bias resistor for LNA. Optimum resistor is 1.1 kΩ with 5% tolerance.
9
VDD4
Voltage supply for LNA/MIXER block. This pin should be decoupled to ground with a 0.01 µF capacitor.
10
RSET
External Resistor to Set Charge Pump Current and Some Internal Bias Currents. Use 3.6 kΩ with 5% tolerance.
11
VREG4
Regulator Voltage for LNA/MIXER block. A 100 nF capacitor should be placed between this pin and GND for
regulator stability and noise rejection.
12
GND4
Ground for LNA/MIXER block.
13–18
MIX/FILT
Signal Chain Test Pins. These pins are high impedance under normal conditions and should be left
unconnected.
19, 22
GND4
Ground for LNA/MIXER block.
20, 21, 23
FILT/TEST_A
Signal Chain Test Pins. These pins are high impedance under normal conditions and should be left
unconnected.
24
CE
Chip Enable. Bringing CE low puts the ADF7020 into complete power-down. Register values are lost when CE
is low, and the part must be reprogrammed once CE is brought high.
25
SLE
Load Enable, CMOS Input. When LE goes high, the data stored in the shift registers is loaded into one of the
four latches. A latch is selected using the control bits.
26
SDATA
Serial Data Input. The serial data is loaded MSB first with the two LSBs as the control bits. This pin is a high
impedance CMOS input.
27
SREAD
Serial Data Output. This pin is used to feed readback data from the ADF7020 to the microcontroller. The SCLK
input is used to clock each readback bit (AFC, ADC readback) from the SREAD pin.
28
SCLK
Serial Clock Input. This serial clock is used to clock in the serial data to the registers. The data is latched into
the 24-bit shift register on the CLK rising edge. This pin is a digital CMOS input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com