Electronic Components Datasheet Search
  English  ▼

X  

ADF7020BCP Datasheet(PDF) 28 Page - Analog Devices

Part # ADF7020BCP
Description  High Performance ISM Band FSK/ASK Transceiver IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7020BCP Datasheet(HTML) 28 Page - Analog Devices

Back Button ADF7020BCP Datasheet HTML 24Page - Analog Devices ADF7020BCP Datasheet HTML 25Page - Analog Devices ADF7020BCP Datasheet HTML 26Page - Analog Devices ADF7020BCP Datasheet HTML 27Page - Analog Devices ADF7020BCP Datasheet HTML 28Page - Analog Devices ADF7020BCP Datasheet HTML 29Page - Analog Devices ADF7020BCP Datasheet HTML 30Page - Analog Devices ADF7020BCP Datasheet HTML 31Page - Analog Devices ADF7020BCP Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
ADF7020
Preliminary Technical Data
Rev. PrH | Page 28 of 40
REGISTER 2—TRANSMIT MODULATION REGISTER (FSK MODE)
MODULATION PARAMETER
POWER AMPLIFIER
GFSK MOD
CONTROL
PA BIAS
MODULATION
SCHEME
ADDRESS
BITS
DI1
0
1
TxDATA
TxDATA
PA2
0
0
1
1
PA1
0
1
0
1
PA BIAS
5
µA
7
µA
9
µA
11
µA
IC2
X
IC1
X
MC3
X
MC2
X
MC1
X
D9
0
0
0
0
.
1
D3
0
0
0
0
.
1
....
....
....
....
....
....
....
D2
0
0
1
1
.
1
D1
0
1
0
1
.
1
FOR FSK MODE,
F DEVIATION
PLL MODE
1× FSTEP
2× FSTEP
3× FSTEP
.
511 × FSTEP
P6
0
0
0
0
.
.
1
.
.
.
.
.
.
.
1
.
.
.
.
.
.
.
1
P2
X
0
0
1
.
.
1
P1
X
0
1
0
.
.
1
POWER AMPLIFIER OUTPUT LEVEL
PA OFF
–16.0dBm
–16 + 0.45dBm
–16 + 0.90dBm
.
.
13dBm
PE1
0
1
POWER AMPLIFIER
OFF
ON
MP1
0
1
MUTE PA UNTIL
LOCK DETECT HIGH
OFF
ON
S3
0
0
0
0
1
S2
0
0
1
1
1
MODULATION SCHEME
FSK
GFSK
ASK
OOK
G - OOK
S1
0
1
0
1
1
Figure 29.
Notes:
1.
.
14
2
/
PFD
FSTEP =
2.
PA Bias default = 9 µA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com