Electronic Components Datasheet Search
  English  ▼

X  

ADF7020BCP Datasheet(PDF) 6 Page - Analog Devices

Part # ADF7020BCP
Description  High Performance ISM Band FSK/ASK Transceiver IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7020BCP Datasheet(HTML) 6 Page - Analog Devices

Back Button ADF7020BCP Datasheet HTML 2Page - Analog Devices ADF7020BCP Datasheet HTML 3Page - Analog Devices ADF7020BCP Datasheet HTML 4Page - Analog Devices ADF7020BCP Datasheet HTML 5Page - Analog Devices ADF7020BCP Datasheet HTML 6Page - Analog Devices ADF7020BCP Datasheet HTML 7Page - Analog Devices ADF7020BCP Datasheet HTML 8Page - Analog Devices ADF7020BCP Datasheet HTML 9Page - Analog Devices ADF7020BCP Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
ADF7020
Preliminary Technical Data
Rev. PrH | Page 6 of 40
Parameter
Min
Typ
Max
Unit
Test Conditions
PLL Settling Time
40
µs
Measured for a 10 MHz frequency step to
within 5 ppm accuracy,
PFD = 20 MHz, LBW = TBD
REFERENCE INPUT
Crystal Reference
3.625
24
MHz
External Oscillator
3.625
24
MHz
Load capacitance
TBD
pF
Input Level
CMOS
levels
See the Reference Input Section
TIMING INFORMATION
Chip Enabled to Regulator Ready
TBD
µs
CREG = 100 nF
Crystal Oscillator Startup time
1
ms
With 19.2 MHz XTAL
Tx to Rx Turnaround Time
350 µs +
(5 × TBIT)
Time to synchronized data, includes AGC
settling
LOGIC INPUTS
VINH, Input High Voltage
0.7 × V DD
V
VINL, Input Low Voltage
0.2 × V DD
V
IINH/IINL, Input Current
±1
µA
CIN, Input Capacitance
10
pF
Control Clock Input
50
MHz
LOGIC OUTPUTS
VOH,Output High Voltage
DVDD −
0.4
V
IOH = 500 µA
VOL, Output Low Voltage
0.4
V
IOL = 500 µA
CLKOUT Rise/Fall
5
ns
CLKOUT Load
10
pF
TEMPERATURE RANGE—TA
−40
+85
°C
POWER SUPPLIES
Voltage Supply
AVDD
2.3
3.6
V
DVDD
AVDD
AVDD
Transmit Current Consumption
FRF = 915 MHz, VDD = 3.0 V, PA is matched
in to 50 Ω
−20 dBm
TBD
mA
−10 dBm
12
mA
VCO_BIAS_SETTING = 3
0 dBm
15
mA
10 dBm
22
mA
Receive Current Consumption
Low Current Mode
19
TBD
mA
High Sensitivity Mode
21
TBD
mA
Power-Down Mode
Low Power Sleep Mode
0.1
1
µA
1 Higher data rates are achievable depending on local regulations.
2 For definition of frequency deviation, see the R
section.
egister 2—Transmit Modulation Register (FSK Mode)
3 For definition of GFSK frequency deviation, see the R
section.
egister 2—Transmit Modulation Register (GFSK/GOOK Mode)
4 Measured as maximum unmodulated power. Output power varies with both supply and temperature.
5 For matching details, see the LN
section.
A/PA Matching
6 See Table 5 for description of different receiver modes.
7 See Table 5 for description of different receiver modes.
8 Follow the matching and layout guidelines to achieve the relevant FCC/ETSI specifications.
9 See the
section.
Image Rejection Calibration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com