Electronic Components Datasheet Search
  English  ▼

X  

ADF7020BCP Datasheet(PDF) 26 Page - Analog Devices

Part # ADF7020BCP
Description  High Performance ISM Band FSK/ASK Transceiver IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7020BCP Datasheet(HTML) 26 Page - Analog Devices

Back Button ADF7020BCP Datasheet HTML 22Page - Analog Devices ADF7020BCP Datasheet HTML 23Page - Analog Devices ADF7020BCP Datasheet HTML 24Page - Analog Devices ADF7020BCP Datasheet HTML 25Page - Analog Devices ADF7020BCP Datasheet HTML 26Page - Analog Devices ADF7020BCP Datasheet HTML 27Page - Analog Devices ADF7020BCP Datasheet HTML 28Page - Analog Devices ADF7020BCP Datasheet HTML 29Page - Analog Devices ADF7020BCP Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
ADF7020
Preliminary Technical Data
Rev. PrH | Page 26 of 40
REGISTER 1—OSCILLATOR/FILTER REGISTER
R3
R2
R1
RF R COUNTER
DIVIDE RATIO
0
0
.
.
.
1
1
2
.
.
.
7
1
0
.
.
.
1
0
1
.
.
.
1
X1 XTAL OSC
0
OFF
1ON
VA2
VA1
FREQUENCY
OF OPERATION
0
880–950
0
870–940
1
860–930
1
0
1
0
1
850–920
D1
XTAL
DOUBLER
0
DISABLE
ENABLED
1
V1
VCO Band
MHz
0
866–940
1
433–470
CP2
CP1
RSET
ICP(MA)
3.6k
Ω
0
0
0.3
0
1
0.9
1
0
1.5
1
1
2.1
VB4
VB3
VB2
VB1
VCO BIAS
CURRENT
0
0.5mA
0
1mA
.
1
1
0
.
1
0
1
.
1
0
0
.
1
8mA
IR2 IR1
FILTER
BANDWIDTH
0
100kHz
0
150kHz
1
200kHz
1
0
1
0
1
NOT USED
CL4
CL3
CL2
CL1
CLKOUT
DIVIDE RATIO
0
OFF
0
0
.
.
.
1
0
1
0
.
.
.
1
2
4
.
.
.
0
0
1
.
.
.
1
0
0
0
.
.
.
1
30
VCO BIAS
CLOCKOUT
DIVIDE
ADDRESS
BITS
R COUNTER
Figure 27.
Notes:
1.
Set the VCO adjust bits (R1_DB(20:21) to 0 for normal operation.
2.
)
2
(
15
-N
Fractional
Integer-N
R
XTAL
F
OUT
+
×
=
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com