Electronic Components Datasheet Search
  English  ▼

X  

WM8993 Datasheet(PDF) 50 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 50 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 54Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
50
DAC INTERFACE VOLUME BOOST
A digital gain function is available at the audio interface to boost the DAC volume when a small
signal is received on DACDAT. This is controlled using register bits DAC_BOOST[1:0]. To prevent
clipping at the DAC input, this function should not be used when the boosted DAC data is expected
to be greater than 0dBFS.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R5 (05h)
Audio
Interface (2)
11:10
DAC_BOOST
[1:0]
00
DAC Input Volume Boost
00 = 0dB
01 = +6dB (Input data must not
exceed -6dBFS)
10 = +12dB (Input data must not
exceed -12dBFS)
11 = +18dB (Input data must not
exceed -18dBFS)
Table 16 DAC Interface Volume Boost
DIGITAL SIDETONE
A digital sidetone is available when ADCs and DACs are operating at the same sample rate. Digital
data from either left or right ADC can be mixed with the audio interface data on the left and right DAC
channels. Sidetone data is taken from the ADC high pass filter output, to reduce low frequency noise
in the sidetone (e.g. wind noise or mechanical vibration).
When using the digital sidetone, it is recommended that the ADCs are enabled before un-muting the
DACs to prevent pop noise. The DAC volumes and sidetone volumes should be set to an appropriate
level to avoid clipping at the DAC input.
The digital sidetone is controlled as shown in Table 17.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R13 (0Dh)
Digital Side
Tone
12:9
ADCL_DAC_SVOL
[3:0]
0000
Left Digital Sidetone Volume
0000 = -36dB
0001 = -33dB
…. (3dB steps)
1011 = -3dB
1100 = 0dB
(See Table 18 for volume range)
8:5
ADCR_DAC_SVOL
[3:0]
0000
Right Digital Sidetone Volume
0000 = -36dB
0001 = -33dB
…. (3dB steps)
1011 = -3dB
1100 = 0dB
(See Table 18 for volume range)
3:2
ADCL_TO_DACL
[1:0]
00
Left DAC Digital Sidetone Source
00 = No sidetone
01 = Left ADC
10 = Right ADC
11 = Reserved
1:0
ADC_TO_DACR
[1:0]
00
Right DAC Digital Sidetone Source
00 = No sidetone
01 = Left ADC
10 = Right ADC
11 = Reserved
Table 17 Digital Sidetone Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com