Electronic Components Datasheet Search
  English  ▼

X  

WM8993 Datasheet(PDF) 51 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 51 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 55Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 229 page
background image
Production Data
WM8993
w
PD, November 2010, Rev 4.0
51
ADCL_DAC_SVOL or
ADCR_DAC_SVOL
SIDETONE
VOLUME
(dB)
0000
-36
0001
-33
0010
-30
0011
-27
0100
-24
0101
-21
0110
-18
0111
-15
1000
-12
1001
-9
1010
-6
1011
-3
1100
0
1101
0
1110
0
1111
0
Table 18 Digital Sidetone Volume
DYNAMIC RANGE CONTROL (DRC)
The dynamic range controller (DRC) is a circuit which can be enabled in the digital data path of either
the ADCs or the DACs. The function of the DRC is to adjust the signal gain in conditions where the
input amplitude is unknown or varies over a wide range, e.g. when recording from microphones built
into a handheld system. The DRC can apply Compression and Automatic Level Control to the signal
path. It incorporates ‘anti-clip’ and ‘quick release’ features for handling transients in order to improve
intelligibility in the presence of loud impulsive noises.
The DRC is enabled as shown in Table 19. It can be enabled in the ADC digital path or in the DAC
digital path, under the control of the DRC_DAC_PATH register bit. Note that the DRC can only be
active in one of these paths at any time.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R123 (7Bh)
DRC Control 1
15
DRC_ENA
0
DRC enable
0 = disabled
1 = enabled
14
DRC_DAC_PAT
H
0
DRC path select
0 = ADC path
1 = DAC path
Table 19 DRC Enable
COMPRESSION/LIMITING CAPABILITIES
The DRC supports two different compression regions, specified by R0 and R1, separated by a “knee”
at input amplitude T. For signals above the knee, the compression slope R0 applies; for signals
below the knee, the compression slope R1 applies.
The overall DRC compression characteristic in “steady state” (i.e. where the input amplitude is near-
constant) is illustrated in Figure 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com