Electronic Components Datasheet Search
  English  ▼

X  

WM8993 Datasheet(PDF) 17 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 21Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 229 page
background image
Production Data
WM8993
w
PD, November 2010, Rev 4.0
17
Test Conditions
DCVDD = 1.2V, AVDD2 = DBVDD = CPVDD = 1.8V, AVDD1 = 3.0V, SPKVDD = 5V, DGND=AGND=CPGND=SPKGND=0V,
TA = +25
oC, 1kHz sinusoidal signal, fs = 48kHz, PGA gain = 0dB, 24-bit audio data unless otherwise stated.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DAC Output Path Performance
E1
DAC to Single-Ended Line Output (10k
Ω / 50pF)
SNR (A-weighted)
84
94
dB
THD
0dBFS input
-71
-61
dB
THD+N
0dBFS input
-70
-60
dB
Crosstalk (L/R)
-75
dB
PSRR (all other supplies
217Hz)
100mVpk-pk
-36
dB
E2
DAC to Differential Line Output (10k
Ω / 50pF)
SNR (A-weighted)
87
97
dB
THD
0dBFS input
-76
dB
THD+N
0dBFS input
-75
dB
Crosstalk (L/R)
-90
dB
PSRR (all other supplies
217Hz)
100mVpk-pk
-51
dB
E3
Minimum Line Output
Resistance
LINEOUT1N,
LINEOUT1P,
LINEOUT2N,
LINEOUT2P
2
k
Ω
E4
Line Output Capacitance
LINEOUT1N,
LINEOUT1P,
LINEOUT2N,
LINEOUT2P
Direct connection
100
pF
Connection via 1k
Ω series resistor
2000
pF
E5
DAC to Headphone on HPOUT1L or HPOUT1R (RL=32
Ω)
SNR (A-weighted)
OSR = 128fs
100
dB
OSR = 64fs
97
dB
THD (PO=20mW)
-79
dB
THD+N (PO=20mW)
-77
dB
THD (PO=5mW)
-83
dB
THD+N (PO=5mW)
-81
dB
Crosstalk (L/R)
-95
dB
PSRR (all other supplies
217Hz)
100mVpk-pk
-51
dB
E6
DAC to Headphone on HPOUT1L or HPOUT1R (RL=16
Ω)
SNR (A-weighted)
OSR = 128fs
90
100
dB
OSR = 64fs
97
dB
THD (PO=20mW)
-85
dB
THD+N (PO=20mW)
-83
dB
THD (PO=5mW)
-83
-73
dB
THD+N (PO=5mW)
-81
-71
dB
Crosstalk (L/R)
-95
dB
PSRR (all other supplies
217Hz)
100mVpk-pk
-51
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com