Electronic Components Datasheet Search
  English  ▼

X  

WM8993 Datasheet(PDF) 88 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 88 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 84Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 85Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 86Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 87Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 88Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 89Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 90Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 91Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 92Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
88
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
1
DCS_ENA_CHAN_1
0
DC Servo enable for HPOUT1R
0 = disabled
1 = enabled
0
DCS_ENA_CHAN_0
0
DC Servo enable for HPOUT1L
0 = disabled
1 = enabled
R87 (57h)
DC Servo 3
15:8
DCS_DAC_WR_VA
L1 [7:0]
0000 0000
DC Offset value for HPOUT1Rin
DAC Write DC Servo mode.
Two’s complement format.
LSB is 0.25mV.
Range is -32mV to +31.75mV
7:0
DCS_DAC_WR_VA
L0 [7:0]
0000 0000
DC Offset value for HPOUT1Lin
DAC Write DC Servo mode.
Two’s complement format.
LSB is 0.25mV.
Range is -32mV to +31.75mV
R88 (58h)
DC Servo
Readback 0
9:8
DCS_CAL_COMPL
ETE [1:0]
00
DC Servo Complete status
0 = DAC Write or Start-Up DC
Servo mode not completed.
1 = DAC Write or Start-Up DC
Servo mode complete.
Bit [1] = HPOUT1R
Bit [0] = HPOUT1L
5:4
DCS_DAC_WR_CO
MPLETE [1:0]
00
DC Servo DAC Write status
0 = DAC Write DC Servo mode
not completed.
1 = DAC Write DC Servo mode
complete.
Bit [1] = HPOUT1R
Bit [0] = HPOUT1L
1:0
DCS_STARTUP_C
OMPLETE [1:0]
00
DC Servo Start-Up status
0 = Start-Up DC Servo mode not
completed.
1 = Start-Up DC Servo mode
complete.
Bit [1] = HPOUT1R
Bit [0] = HPOUT1L
Table 56 DC Servo Enable and Start-Up Modes
DC SERVO ACTIVE MODES
The DC Servo modes described above are suitable for initialising the DC offset correction circuit on
the Headphone outputs as part of a controlled start-up sequence which is executed before the signal
path is fully enabled. Additional modes are available for use whilst the signal path is active; these
modes may be of benefit following a large change in signal gain, which can lead to a change in DC
offset level. Periodic updates may also be desirable to remove slow drifts in DC offset caused by
changes in parameters such as device temperature.
The DC Servo circuit is enabled on HPOUT1L and HPOUT1R by setting DCS_ENA_CHAN_0 and
DCS_ENA_CHAN_1 respectively, as described earlier in Table 56.
Writing a logic 1 to DCS_TRIG_SINGLE_n initiates a single DC offset measurement and adjustment
to the associated output; (‘n’ = 0 for Left channel, 1 for Right channel). This will adjust the DC offset
correction on the selected channel by no more than 1LSB (0.25mV).
Setting DCS_TIMER_PERIOD_01 to a non-zero value will cause a single DC offset measurement
and adjustment to be scheduled on a periodic basis. Periodic rates ranging from every 0.52s to in
excess of 2hours can be selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com