Electronic Components Datasheet Search
  English  ▼

X  

WM8993 Datasheet(PDF) 81 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 81 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 77Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 78Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 84Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 85Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 229 page
background image
Production Data
WM8993
w
PD, November 2010, Rev 4.0
81
EARPIECE DRIVER MIXER
The earpiece driver has a dedicated mixer, HPOUT2MIX, which is controlled using the registers
defined in Table 52. The earpiece driver is configurable to select output from the left output mixer (via
MIXOUTLVOL), the right output mixer (via MIXOUTRVOL), or the ‘Direct Voice’ path. (The ‘Direct
Voice’ path is the differential input, VRXN/VRXP, routed directly to the output drivers, providing a low
power differential path from baseband voice to earpiece.)
Care should be taken to avoid clipping when enabling more than one path to the earpiece driver. The
HPOUT2VOL volume control can be used to avoid clipping when more than one full scale signal is
input to the mixer.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R31 (1Fh)
HPOUT2
Volume
5
HPOUT2_MUTE
1b
HPOUT2 (Earpiece Driver) Mute
0 = Un-mute
1 = Mute
4
HPOUT2_VOL
0b
HPOUT2 (Earpiece Driver) Volume
0 = 0dB
1 = -6dB
R51 (33h)
HPOUT2
Mixer
5
VRX_TO_HPOUT2
0b
Direct Voice (Differential Input,
VRXN/VRXP) to Earpiece Driver
0 = Mute
1 = Un-mute
4
MIXOUTLVOL_TO_HP
OUT2
0b
MIXOUTLVOL (Left Output Mixer
PGA) to Earpiece Driver
0 = Mute
1 = Un-mute
3
MIXOUTRVOL_TO_HP
OUT2
0b
MIXOUTRVOL (Right Output Mixer
PGA) to Earpiece Driver
0 = Mute
1 = Un-mute
Table 52 Earpiece Driver Mixer (HPOUT2MIX) Control
LINE OUTPUT MIXERS
The WM8993 provides two pairs of line outputs, both with highly configurable output mixers. The
outputs LINEOUT1N and LINEOUT1P can be configured as two single-ended outputs or as a
differential output. In the same manner, LINEOUT2N and LINEOUT2P can be configured either as
two single-ended outputs or as a differential output. The respective line output mixers can be
configured in single-ended mode or differential mode; each mode supports multiple signal path
configurations.
LINEOUT1 single-ended mode is selected by setting LINEOUT1_MODE = 1. In single-ended mode,
any of three possible signal paths may be enabled:
MIXOUTL (left output mixer) to LINEOUT1P
MIXOUTR (right output mixer) to LINEOUT1N
MIXOUTL (left output mixer) to LINEOUT1N
LINEOUT1 differential mode is selected by setting LINEOUT1_MODE = 0. In differential mode, any
of three possible signal paths may be enabled:
MIXOUTL (left output mixer) to LINEOUT1N and LINEOUT1P
IN1L (input PGA) to LINEOUT1N and LINEOUT1P
IN1R (input PGA) to LINEOUT1N and LINEOUT1P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com