Electronic Components Datasheet Search
  English  ▼

X  

WM8993 Datasheet(PDF) 58 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 58 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 62Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
58
RETUNE
TM MOBILE PARAMETRIC EQUALIZER (EQ)
The ReTuneTM Mobile Parametric EQ is a circuit which can be enabled in the DAC path. The function
of the EQ is to adjust the frequency characteristic of the output in order to compensate for unwanted
frequency characteristics in the loudspeaker (or other output transducer). It can also be used to tailor
the response according to user preferences, for example to accentuate or attenuate specific
frequency bands to emulate different sound profiles or environments e.g. concert hall, rock etc.
The EQ is enabled as shown in Table 27.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R98 (62h)
EQ1
0
EQ_ENA
0b
EQ Enable
0 = EQ disabled
1 = EQ enabled
Table 27 ReTuneTM Mobile Parametric EQ Enable
The EQ can be configured to operate in two modes - “Default” mode or “ReTuneTM Mobile” mode.
DEFAULT MODE (5-BAND PARAMETRIC EQ)
In default mode, the cut-off / centre frequencies are fixed as per Table 28. The filter bandwidths are
also fixed in default mode. The gain of the individual bands (-12dB to +12dB) can be controlled as
described in Table 29.
Note that the cut-off / centre frequencies noted in Table 28 are applicable to a DAC Sample Rate of
48kHz. When using other sample rates, these frequencies will be scaled in proportion to the selected
sample rate.
EQ BAND
CUT-OFF/CENTRE FREQUENCY
1
100 Hz
2
300 Hz
3
875 Hz
4
2400 Hz
5
6900 Hz
Table 28 EQ Band Cut-off / Centre Frequencies
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R99 (63h)
EQ2
4:0
EQ_B1_GAIN
[4:0]
01100b
(0dB)
EQ Band 1 Gain
-12dB to +12dB in 1dB steps
(see Table 30 for gain range)
R100 (64h)
EQ3
4:0
EQ_B2_GAIN
[4:0]
01100b
(0dB)
EQ Band 2 Gain
-12dB to +12dB in 1dB steps
(see Table 30 for gain range)
R101 (65h)
EQ4
4:0
EQ_B3_GAIN
[4:0]
01100b
(0dB)
EQ Band 3 Gain
-12dB to +12dB in 1dB steps
(see Table 30 for gain range)
R102 (66h)
EQ5
4:0
EQ_B4_GAIN
[4:0]
01100b
(0dB)
EQ Band 4 Gain
-12dB to +12dB in 1dB steps
(see Table 30 for gain range)
R103 (67h)
EQ6
4:0
EQ_B5_GAIN
[4:0]
01100b
(0dB)
EQ Band 5 Gain
-12dB to +12dB in 1dB steps
(see Table 30 for gain range)
Table 29 EQ Band Gain Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com