Electronic Components Datasheet Search
  English  ▼

X  

WM8993 Datasheet(PDF) 69 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 69 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 72Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 73Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 229 page
background image
Production Data
WM8993
w
PD, November 2010, Rev 4.0
69
SEQUENCE
HEADPHONE ENABLE
Step 1
HPOUT1L_ENA = 1
HPOUT1R_ENA = 1
Step 2
20
μs delay
Step 3
HPOUT1L_DLY = 1
HPOUT1R_DLY = 1
Step 4
DC offset correction
Step 5
HPOUT1L_OUTP = 1
HPOUT1L_RMV_SHORT = 1
HPOUT1R_OUTP = 1
HPOUT1R_RMV_SHORT = 1
Table 39 Headphone Output Enable Sequence
SEQUENCE
HEADPHONE DISABLE
Step 1
HPOUT1L_RMV_SHORT = 0
HPOUT1L_DLY = 0
HPOUT1L_OUTP = 0
HPOUT1R_RMV_SHORT = 0
HPOUT1R_DLY = 0
HPOUT1R_OUTP = 0
Step 2
HPOUT1L_ENA = 0
HPOUT1R_ENA = 0
Table 40 Headphone Output Disable Sequence
The sequences described above in Table 39 and Table 40 are implemented automatically by the
WM8993 when the HPOUT1_AUTO_PU bit is set, which is the default condition. In this mode, the
enable sequence is triggered by setting the HPOUT1L_ENA and HPOUT1R_ENA bits in register R1.
Note that the Charge Pump is also enabled automatically in this mode.
The register bits relating to pop suppression control are defined in Table 41.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1 (01h)
Power
Management
(1)
9
HPOUT1L_ENA
0b
Enables HPOUT1L input stage
0 = Disabled
1 = Enabled
For normal operation, this bit should
be set as the first step of the
HPOUT1L Enable sequence.
Note: When HPOUT1_AUTO_PU is
set, the HPOUT1L_ENA bit
automatically enables all stages of the
left headphone driver
8
HPOUT1R_ENA
0b
Enables HPOUT1R input stage
0 = Disabled
1 = Enabled
For normal operation, this bit should
be set as the first step of the
HPOUT1R Enable sequence.
Note: When HPOUT1_AUTO_PU is
set, the HPOUT1R_ENA bit
automatically enables all stages of the
right headphone driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com